Electronic Components Datasheet Search |
|
TSC80251G2D Datasheet(PDF) 7 Page - TEMIC Semiconductors |
|
TSC80251G2D Datasheet(HTML) 7 Page - TEMIC Semiconductors |
7 / 63 page Rev. A - May 7, 1999 7 TSC80251G2D P1.0:7 I/O Port 1 P1 is an 8-bit bidirectional I/O port with internal pull-ups. P1 provides interrupt capability for a keyboard interface. P2.0:7 I/O Port 2 P2 is an 8-bit bidirectional I/O port with internal pull-ups. A15:8 P3.0:7 I/O Port 3 P3 is an 8-bit bidirectional I/O port with internal pull-ups. PROG# I Programming Pulse input The programming pulse is applied to this input for programming the on-chip EPROM/ OTPROM. PSEN# O Program Store Enable/Read signal output PSEN# is asserted for a memory address range that depends on bits RD0 and RD1 in UCONFIG0 byte (see Table 13, Page 15). RD# O Read or 17th Address Bit (A16) Read signal output to external data memory depending on the values of bits RD0 and RD1 in UCONFIG0 byte (see Table 13, Page 15). P3.7 RST I Reset input to the chip Holding this pin high for 64 oscillator periods while the oscillator is running resets the device. The Port pins are driven to their reset conditions when a voltage greater than VIH1 is applied, whether or not the oscillator is running. This pin has an internal pull-down resistor which allows the device to be reset by connecting a capacitor between this pin and VDD. Asserting RST when the chip is in Idle mode or Power-Down mode returns the chip to normal operation. RXD I/O Receive Serial Data RXD sends and receives data in serial I/O mode 0 and receives data in serial I/O modes 1, 2 and 3. P3.0 SCL I/O I2C Serial Clock When I2C controller is in master mode, SCL outputs the serial clock to slave peripherals. When I2C controller is in slave mode, SCL receives clock from the master controller. P1.6 SCK I/O SPI Serial Clock When SPI is in master mode, SCK outputs clock to the slave peripheral. When SPI is in slave mode, SCK receives clock from the master controller. P1.6 SDA I/O I2C Serial Data SDA is the bidirectional I2C data line. P1.7 SS# I SPI Slave Select Input When in Slave mode, SS# enables the slave mode. P1.4 T1:0 I/O Timer 1:0 External Clock Inputs When timer 1:0 operates as a counter, a falling edge on the T1:0 pin increments the count. T2 I/O Timer 2 Clock Input/Output For the timer 2 capture mode, T2 is the external clock input. For the Timer 2 clock-out mode, T2 is the clock output. P1.0 T2EX I Timer 2 External Input In timer 2 capture mode, a falling edge initiates a capture of the timer 2 registers. In auto- reload mode, a falling edge causes the timer 2 register to be reloaded. In the up-down counter mode, this signal determines the count direction: 1= up, 0= down. P1.1 TXD O Transmit Serial Data TXD outputs the shift clock in serial I/O mode 0 and transmits data in serial I/O modes 1, 2 and 3. P3.1 VDD PWR Digital Supply Voltage Connect this pin to +5V or +3V supply voltage. VPP I Programming Supply Voltage The programming supply voltage is applied to this input for programming the on-chip EPROM/ OTPROM. Signal Name Type Description Alternate Function |
Similar Part No. - TSC80251G2D |
|
Similar Description - TSC80251G2D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |