Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HCT20 Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74HCT20
Description  DUAL 4-INPUT NAND GATE High-Performance Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCT20 Datasheet(HTML) 4 Page - Integral Corp.

  IN74HCT20 Datasheet HTML 1Page - Integral Corp. IN74HCT20 Datasheet HTML 2Page - Integral Corp. IN74HCT20 Datasheet HTML 3Page - Integral Corp. IN74HCT20 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN74HCT20
4
AC ELECTRICAL CHARACTERISTICS(VCC =5.0 V ±10%,CL=50pF,Input tr=tf=6.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C
to
-55
°C
≤85°C ≤125°
C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A
,B,C or D to Output Y (Figures 1 and 2)
28
35
42
ns
tTLH, tTHL Maximum Output Transition Time, Any
Output (Figures 1 and 2)
15
19
22
ns
CIN
Maximum Input Capacitance
10
10
10
pF
Power Dissipation Capacitance (Per
Gate)
Typical @25
°C,VCC=5.0
V
CPD
Used to determine the no-load dynamic
power
consumption:
PD=CPDVCC
2f+ICCVCC
29
pF
Figure 1. Switching Waveforms
Figure 2. Test Circuit
EXPANDED LOGIC DIAGRAM
(1/2 of the Device)


Similar Part No. - IN74HCT20

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT20A INTEGRAL-IN74HCT20A Datasheet
180Kb / 5P
   Dual 4-Input NAND Gate
logo
IK Semicon Co., Ltd
IN74HCT20A IKSEMICON-IN74HCT20A Datasheet
187Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
logo
Integral Corp.
IN74HCT20AD INTEGRAL-IN74HCT20AD Datasheet
180Kb / 5P
   Dual 4-Input NAND Gate
IN74HCT20AN INTEGRAL-IN74HCT20AN Datasheet
180Kb / 5P
   Dual 4-Input NAND Gate
More results

Similar Description - IN74HCT20

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC20A INTEGRAL-IN74HC20A Datasheet
178Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT20 SLS-SL74HCT20 Datasheet
33Kb / 4P
   Dual 4-Input NAND Gate(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HC20A KODENSHI-KK74HC20A Datasheet
193Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT20A KODENSHI-KK74HCT20A Datasheet
196Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC20A IKSEMICON-IN74HC20A Datasheet
180Kb / 5P
   Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC30 MOTOROLA-MC74HC30 Datasheet
146Kb / 5P
   8-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT20 KODENSHI-KK74ACT20 Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74AC20 KODENSHI-KK74AC20 Datasheet
223Kb / 5P
   Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC20 INTEGRAL-IN74AC20 Datasheet
143Kb / 4P
   DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4012B KODENSHI-KK4012B Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com