Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74AC164D Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74AC164D
Description  8-Bit Serial-Input/Parallel-Output Shift register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC164D Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC164D Datasheet HTML 1Page - Integral Corp. IN74AC164D Datasheet HTML 2Page - Integral Corp. IN74AC164D Datasheet HTML 3Page - Integral Corp. IN74AC164D Datasheet HTML 4Page - Integral Corp. IN74AC164D Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC164
4
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
3.3
5.0
125
150
100
125
MHz
tPLH
Propagation Delay, Clock to Q (Figure
1)
3.3
5.0
4.0
2.5
13.5
10.0
3.5
2.0
16.0
10.5
ns
tPHL
Propagation Delay, Clock to Q (Figure
1)
3.3
5.0
3.0
2.0
14.0
10.0
3.0
1.5
14.5
10.5
ns
tPHL
Propagation Delay, Reset to Q (Figure
2)
3.3
5.0
3.0
2.0
12.0
9.5
3.0
2.0
13.5
10.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,VCC=5.0 V
CPD
Power Dissipation Capacitance
35
pF
*Voltage Range 3.3 V is 3.3 V ±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS(CL=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, A1 or A2 to
Clock (Figure 3)
3.3
5.0
6.5
4.5
7.5
5.0
ns
th
Minimum Hold Time, Clock to A1 or
A2 (Figure 3)
3.3
5.0
0
0.5
0
0.5
ns
tw
Minimum Pulse Width, Clock or Reset
(Figures 1,2)
3.3
5.0
4.0
3.5
4.5
3.5
ns
trec
Minimum Recovery Time, Reset to
Clock (Figure 2)
3.3
5.0
0
0
0
0
ns
*Voltage Range 3.3 V is 3.3 V ±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V


Similar Part No. - IN74AC164D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC164D IKSEMICON-IN74AC164D Datasheet
190Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC164D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
logo
KODENSHI_AUK CORP.
KK74LS164 KODENSHI-KK74LS164 Datasheet
279Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift Register
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com