Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-813SRC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # L-813SRC
Description  10mm SUPER BRIGHT BIG LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-813SRC Datasheet(HTML) 1 Page - Kingbright Corporation

  L-813SRC Datasheet HTML 1Page - Kingbright Corporation L-813SRC Datasheet HTML 2Page - Kingbright Corporation L-813SRC Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2-L813SR-1
Package Dimensions
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Kingbright
®
Features
l
ULTRA BRIGHTNESS.
l
10mm DIAMETER BIG LAMP.
l
WIDE VIEWING ANGLE.
l
I.C. COMPATIBLE.
l
BOTH DIFFUSED AND WATER CLEAR LENS ARE
AVAILABLE.
l
RELIABLE AND RUGGED.
l
L
ONG LIFE - SOLID STATE RELIABILITY.
Description
The Super Bright Red source color devices are made with Gallium
Aluminum Arsenide Red Light Emitting Diode
.
10mm SUPER BRIGHT BIG LAMPS
L-813SR SUPER BRIGHT RED
Selection Guide
Notes:
1. All dimensions are in millimeters (inches).
2.Toleranceis
±0.25(0.01")unlessotherwisenoted.
3.Leadspacingismeasuredwheretheleademergepackage.
4.Specificationsaresubjectedtochangewithoutnotice.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Max.
2θ1/2
L-813SRC-B
SUPER BRIGHT RED (GaAlAs)
WATER CLEAR
500
1000
40°
L-813SRC-C
1000
1600
40°
L-813SRC-D
1600
2000
40°
L-813SRC-E
2000
3000
40°
L-813SRC-F
3000
4500
40°
L-813SRD-B
RED DIFFUSED
120
200
60°
L-813SRD-C
200
350
60°
L-813SRD-D
350
450
60°
L-813SRD-E
450
550
60°
L-813SRD-F
550
650
60°
L-813SRD-G
650
800
60°
L-813SRD-H
800
1300
60°


Similar Part No. - L-813SRC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-813SGC KINGBRIGHT-L-813SGC Datasheet
91Kb / 3P
   10mm SUPER BRIGHT BIG LED LAMP
More results

Similar Description - L-813SRC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-813SGC KINGBRIGHT-L-813SGC Datasheet
91Kb / 3P
   10mm SUPER BRIGHT BIG LED LAMP
L793SRC KINGBRIGHT-L793SRC Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
logo
NTE Electronics
NTE30065 NTE-NTE30065 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
NTE30124 NTE-NTE30124 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 10mm
logo
LUMEX INC.
SSL-LX100133XGC LUMEX-SSL-LX100133XGC Datasheet
361Kb / 1P
   T-10mm LEd, SUPER BRIGHT GREEN
logo
Fairchild Semiconductor
MV9100 FAIRCHILD-MV9100 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF15243-PF LIGITEK-L9SEF15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com