Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC895199K Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC895199K
Description  32 CD-ROM Decoder with ATAPI (IDE) Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895199K Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC895199K Datasheet HTML 2Page - Sanyo Semicon Device LC895199K Datasheet HTML 3Page - Sanyo Semicon Device LC895199K Datasheet HTML 4Page - Sanyo Semicon Device LC895199K Datasheet HTML 5Page - Sanyo Semicon Device LC895199K Datasheet HTML 6Page - Sanyo Semicon Device LC895199K Datasheet HTML 7Page - Sanyo Semicon Device LC895199K Datasheet HTML 8Page - Sanyo Semicon Device LC895199K Datasheet HTML 9Page - Sanyo Semicon Device LC895199K Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
No. 6238-6/12
LC895199K
Pin Functions
LC895199K Pin Functions
(When pin 103 (ATPINSEL) is low)
Type
I
INPUT
B
BIDIRECTION
NC
NOT CONNECT
O
OUTPUT
P
POWER
Pin No.
Pin name
Type
Pin functions
1VSS0
P
2
ZRAS0
O
Buffer DRAM RAS signal output
3
ZCAS0
O
Buffer DRAM CAS signal output 0 (Normally held at 0 (low).)
4
ZCAS1
O
Buffer DRAM CAS signal output 1
5VSS0
P
6
ZOE
O
Buffer DRAM output enable
7
ZUWE
O
Buffer DRAM upper write enable
8
ZLWE
O
Buffer DRAM lower write enable
9VSS0
P
10
RA0
O
11
RA1
O
12
RA2
O
13
RA3
O
Data buffer DRAM address signal outputs
14
RA4
O
15
RA5
O
16
RA6
O
17
RA7
O
18
VDD0
P
5.0 V
19
VSS0
P
20
RA8
O
Data buffer DRAM address signal output
21
IO0
B
22
IO1
B
23
IO2
B
Data buffer DRAM data input and output
24
IO3
B
These pins have built-in pull-up resistors.
25
IO4
B
26
IO5
B
27
VSS0
P
28
IO6
B
29
IO7
B
30
IO8
B
31
IO9
B
Data buffer DRAM data input and output
32
IO10
B
These pins have built-in pull-up resistors.
33
IO11
B
34
IO12
B
35
IO13
B
36
VSS0
P
37
VDD1
P
3.3 V
38
IO14
B
Data buffer DRAM data input and output
39
IO15
B
These pins have built-in pull-up resistors.
40
NC
41
VSS0
P
42
IOP0
B
43
IOP1
B
44
IOP2
B
45
IOP3
B
General-purpose input and output ports
46
IOP4
B
47
IOP5
B
48
IOP6
B
49
IOP7
B
50
NC
51
TEST0
I
Test pin. This pin must be connected to VSS in normal operation.
52
XTALCK
I
Crystal oscillator circuit input
Continued on next page.


Similar Part No. - LC895199K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
More results

Similar Description - LC895199K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895299W SANYO-LC895299W Datasheet
73Kb / 12P
   48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com