Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-813SRD-F Datasheet(PDF) 3 Page - Kingbright Corporation

Part # L-813SRD-F
Description  10mm SUPER BRIGHT BIG LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-813SRD-F Datasheet(HTML) 3 Page - Kingbright Corporation

  L-813SRD-F Datasheet HTML 1Page - Kingbright Corporation L-813SRD-F Datasheet HTML 2Page - Kingbright Corporation L-813SRD-F Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2-L813SR-3
Super Bright Red L-813SRC / L-813SRD


Similar Part No. - L-813SRD-F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-813SGC KINGBRIGHT-L-813SGC Datasheet
91Kb / 3P
   10mm SUPER BRIGHT BIG LED LAMP
More results

Similar Description - L-813SRD-F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-813SGC KINGBRIGHT-L-813SGC Datasheet
91Kb / 3P
   10mm SUPER BRIGHT BIG LED LAMP
L793SRC KINGBRIGHT-L793SRC Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
logo
NTE Electronics
NTE30065 NTE-NTE30065 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
NTE30124 NTE-NTE30124 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 10mm
logo
LUMEX INC.
SSL-LX100133XGC LUMEX-SSL-LX100133XGC Datasheet
361Kb / 1P
   T-10mm LEd, SUPER BRIGHT GREEN
logo
Fairchild Semiconductor
MV9100 FAIRCHILD-MV9100 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF15243-PF LIGITEK-L9SEF15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com