Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9827HT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button C9827HT Datasheet HTML 7Page - Cypress Semiconductor C9827HT Datasheet HTML 8Page - Cypress Semiconductor C9827HT Datasheet HTML 9Page - Cypress Semiconductor C9827HT Datasheet HTML 10Page - Cypress Semiconductor C9827HT Datasheet HTML 11Page - Cypress Semiconductor C9827HT Datasheet HTML 12Page - Cypress Semiconductor C9827HT Datasheet HTML 13Page - Cypress Semiconductor C9827HT Datasheet HTML 14Page - Cypress Semiconductor C9827HT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 11 of 25
Approved Product
Test and Measurement Setup (Cont.)
For single Ended Output Signals
Buffer Characteristics
Current Mode CPU Clock Buffer Characteristics
The current mode output buffer detail and current reference circuit details are contained in the previous table of this
data sheet. The following parameters are used to specify output buffer characteristics:
1.
Output impedance of the current mode buffer circuit - Ro (see figure below).
2.
Minimum and maximum required voltage operation range of the circuit – Vop (see figure below).
3.
Series resistance in the buffer circuit – Ros (see figure below).
4.
Current accuracy at given configuration into nominal test load for given configuration.
2.4V
0.4V
3.3V
0V
Tr
Tf
1.5V
3.3V signals
tDC
Probe
Output under Test
Load Cap
-
-


Similar Part No. - C9827HT

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C982 PERKINELMER-C982 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
C982P PERKINELMER-C982P Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
More results

Similar Description - C9827HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28342 CYPRESS-CY28342 Datasheet
178Kb / 22P
   High-performance SiS645/650 Pentium 4 Clock Synthesizer
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Integrated Device Techn...
IDT74FCT3907 IDT-IDT74FCT3907 Datasheet
104Kb / 7P
   3.3V PENTIUM??CLOCK SYNTHESIZER
logo
Cypress Semiconductor
C9870G CYPRESS-C9870G Datasheet
175Kb / 25P
   High Performance Pentium짰 4 Clock Synthesizer
logo
SpectraLinear Inc
CY28342 SPECTRALINEAR-CY28342 Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
   Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com