Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC152JA Datasheet(PDF) 6 Page - Intel Corporation

Part # 8XC152JA
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC152JA Datasheet(HTML) 6 Page - Intel Corporation

Back Button 8XC152JA Datasheet HTML 2Page - Intel Corporation 8XC152JA Datasheet HTML 3Page - Intel Corporation 8XC152JA Datasheet HTML 4Page - Intel Corporation 8XC152JA Datasheet HTML 5Page - Intel Corporation 8XC152JA Datasheet HTML 6Page - Intel Corporation 8XC152JA Datasheet HTML 7Page - Intel Corporation 8XC152JA Datasheet HTML 8Page - Intel Corporation 8XC152JA Datasheet HTML 9Page - Intel Corporation 8XC152JA Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
8XC152JAJBJCJD
Pin Description
(Continued)
Pin
Pin Description
47-40
65-58
Port 4
Port 4 is an 8-bit bidirectional IO port with internal pullups Port 4 pins that
have 1s written to them are pulled high by the internal pullups and in that state can
be used as inputs As inputs Port 4 pins that are externally being pulled low will
source current (IIL on the data sheet) because of the internal pullups In addition
Port 4 also receives the low-order address bytes during program verification
913
RST
Reset input A logic low on this pin for three machine cycles while the
oscillator is running resets the device An internal pullup resistor permits a power-on
reset to be generated using only an external capacitor to VSS Although the GSC
recognizes the reset after three machine cycles data may continue to be
transmitted for up to 4 machine cycles after Reset is first applied
38
55
ALE
Address Latch Enable output signal for latching the low byte of the address
during accesses to external memory
In normal operation ALE is emitted at a constant rate of
the oscillator
frequency and may be used for external timing or clocking purposes Note
however that one ALE pulse is skipped during each access to external Data
Memory While in Reset ALE remains at a constant high level
37
54
PSEN
Program Store Enable is the Read strobe to External Program Memory
When the 8XC152 is executing from external program memory PSEN is active
(low) When the device is executing code from External Program Memory PSEN is
activated twice each machine cycle except that two PSEN activations are skipped
during each access to External Data Memory While in Reset PSEN remains at a
constant high level
39
56
EA
External Access enable EA must be externally pulled low in order to enable
the 8XC152 to fetch code from External Program Memory locations 0000H to
0FFFH
EA must be connected to VCC for internal program execution
23
32
XTAL1
Input to the inverting oscillator amplifier and input to the internal clock
generating circuits
22
31
XTAL2
Output from the inverting oscillator amplifier
NA
17 20
Port 5
Port 5 is an 8-bit bidirectional IO port with internal pullups Port 5 pins that
21 22
have 1s written to them are pulled high by the internal pullups and in that state can
38 39
be used as inputs As inputs Port 5 pins that are externally being pulled low will
40 49
source current (IIL on the data sheet) because of the internal pullups
Port 5 is also the multiplexed low-order address and data bus during accesses to
external program memory if EBEN is pulled high In this application it uses strong
pullups when emitting 1s
NA
67 66
Port 6
Port 6 is an 8-bit bidirectional IO port with internal pullups Port 6 pins that
52 57
have 1s written to them are pulled high by the internal pullups and in that state can
50 68
be used as inputs As inputs Port 6 pins that are externally pulled low will source
1 51
current (IIL on the data sheet) because of the internal pullups
Port 6 emits the high-order address byte during fetches from external Program
Memory if EBEN is pulled high In this application it uses strong pullups when
emitting 1s
NA
12
EBEN
E-Bus Enable input that designates whether program memory fetches take
place via Ports 0 and 2 or Ports 5 and 6 Table 1 shows how the ports are used in
conjunction with EBEN
NA
53
EPSEN
E-bus Program Store Enable is the Read strobe to external program
memory when EBEN is high Table 2 shows when EPSEN is used relative to PSEN
depending on the status of EBEN and EA
6


Similar Part No. - 8XC152JA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC151SA INTEL-8XC151SA Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC151SB INTEL-8XC151SB Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC151SB INTEL-8XC151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

Similar Description - 8XC152JA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
   UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
ON Semiconductor
LC87F1K64AUWA-2H ONSEMI-LC87F1K64AUWA-2H Datasheet
327Kb / 35P
   8-bit Microcontroller with USB-host Controller
July, 2013 ver.1.02
logo
NXP Semiconductors
P8XC591 PHILIPS-P8XC591 Datasheet
601Kb / 160P
   Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
P8XC591 NXP-P8XC591 Datasheet
610Kb / 160P
   Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com