Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECN3063SP Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # ECN3063SP
Description  HIGH-VOLTAGE MONOLITHIC IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

ECN3063SP Datasheet(HTML) 5 Page - Hitachi Semiconductor

  ECN3063SP Datasheet HTML 1Page - Hitachi Semiconductor ECN3063SP Datasheet HTML 2Page - Hitachi Semiconductor ECN3063SP Datasheet HTML 3Page - Hitachi Semiconductor ECN3063SP Datasheet HTML 4Page - Hitachi Semiconductor ECN3063SP Datasheet HTML 5Page - Hitachi Semiconductor ECN3063SP Datasheet HTML 6Page - Hitachi Semiconductor ECN3063SP Datasheet HTML 7Page - Hitachi Semiconductor ECN3063SP Datasheet HTML 8Page - Hitachi Semiconductor ECN3063SP Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PDE-3063-0
ECN3063
6.
Standard Application
Component
Recommended Value
Usage
Remark
C0
More than 0.22
µF
for inner power
supply(VB).
stress voltage is VB
C1,C2
0.5
µF ± 20%
for charge pump
stress voltage is VCC
D1,D2
Hitachi DFG1C6 (glass mold)
Hitachi DFM1F6(resin mold)
or considerable parts
for charge pump
600V/1.0A
trr
≤100ns
CTR
1800 pF
± 5%
for clock
Note 1.
RTR
22 k
Ω ± 5%
for clock
Note 1.
Rs
Note.2
Overcurrent limit
Note 1.
Clock frequency is determined approximately by next equation.
Floating capacitance of PCB must be considered.
At Recommended Value of CR, the error factor of IC is about 10%.
fclock = -1 / (2C*R*Ln(1-3.5/5.5))
; Ln is natural logarithm
= 0.494 / (C*R)
(Hz)
Note 2.
Current is limited by the following equation.
IO = Vref / Rs
(A)
Clock
GH1
GL
VTR
CR
UT
VT
WT
UB
VB
WB
VCC
VS2
CL
C-
C+
CB
D2
D1
C1
C2
+
+
-
-
RS
CTR
RTR
VB
MU
MV
MW
VCC(15V)
Vref
VS
Top Arm
Driver
Pulse Generator
VB supply
Charge Pump
Microprocessor
Motor
VS1
GH2
C0
CLOCK
RS
Vref
0.5V
Latch
+
Filter
1
µs
R
S
Bottom Arm
Driver


Similar Part No. - ECN3063SP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
ECN30601 HITACHI-ECN30601 Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601SP HITACHI-ECN30601SP Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601SPR HITACHI-ECN30601SPR Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601SPV HITACHI-ECN30601SPV Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3061 HITACHI-ECN3061 Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
More results

Similar Description - ECN3063SP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
ECN2102 HITACHI-ECN2102 Datasheet
113Kb / 13P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3067 HITACHI-ECN3067 Datasheet
128Kb / 10P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3061 HITACHI-ECN3061 Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3064 HITACHI-ECN3064 Datasheet
128Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601 HITACHI-ECN30601 Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK_07 Datasheet
364Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4105K TOSHIBA-TPD4105K Datasheet
376Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K_07 Datasheet
374Kb / 24P
   High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com