Electronic Components Datasheet Search |
|
P83C152JD Datasheet(PDF) 7 Page - Intel Corporation |
|
P83C152JD Datasheet(HTML) 7 Page - Intel Corporation |
7 / 17 page 8XC152JAJBJCJD OSCILLATOR CHARACTERISTICS XTAL1 and XTAL2 are the input and output respec- tively of an inverting amplifier which can be config- ured for use as an on-chip oscillator as shown in Figure 3 To drive the device from an external clock source XTAL1 should be driven while XTAL2 is left uncon- nected as shown in Figure 4 There are no require- ments on the duty cycle of the external clock signal since the input to the internal clocking circuitry is through a divide-by-two flip-flop but minimum and maximum high and low times specified on the Data Sheet must be observed An external oscillator may encounter as much as a 100 pF load at XTAL1 when it starts-up This is due to interaction between the amplifier and its feedback capacitance Once the external signal meets the VIL and VIH specifications the capacitance will not ex- ceed 20 pF 270431 – 5 Figure 3 Using the On-Chip Oscillator 270431 – 6 Figure 4 External Clock Drive IDLE MODE In Idle Mode the CPU puts itself to sleep while most of the on-chip peripherals remain active The major peripherals that do not remain active during Idle are the DMA channels The Idle Mode is invoked by software The content of the on-chip RAM and all the Special Function Registers remain unchanged during this mode The Idle Mode can be terminated by any enabled interrupt or by a hardware reset POWER DOWN MODE In Power Down Mode the oscillator is stopped and all on-chip functions cease except that the on-chip RAM contents are maintained The mode Power Down is invoked by software The Power Down Mode can be terminated only by a hardware reset Table 3 Status of the External Pins During Idle and Power Down Modes 80C152JA83C152JA80C152JC83C152JC Mode Program ALE PSEN Port 0 Port 1 Port 2 Port 3 Port 4 Memory Idle Internal 1 1 Data Data Data Data Data Idle External 1 1 Float Data Address Data Data Power Down Internal 0 0 Data Data Data Data Data Power Down External 0 0 Float Data Data Data Data 80C152JB80C152JD Mode Instruction ALE PSEN EPSEN Port 0 Port 1 Port 2 Port 3 Port 4 Port 5 Port 6 Bus Idle P0 P2 1 1 1 Float Data Address Data Data 0FFH 0FFH Idle P5 P6 1 1 1 Data Data Data Data Data 0FFH Address Power Down P0 P2 0 0 1 Float Data Data Data Data 0FFH 0FFH Power Down P5 P6 0 1 0 Data Data Data Data Data 0FFH 0FFH NOTE For more detailed information on the reduced power modes refer to the Embedded Controller Handbook and Application Note AP-252 ‘‘Designing with the 80C51BH’’ Note difference of logic level of PSEN during Power Down for ROM JAJC and ROM emulation mode for JCJD 7 |
Similar Part No. - P83C152JD |
|
Similar Description - P83C152JD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |