Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECN3064SPV Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # ECN3064SPV
Description  HIGH-VOLTAGE MONOLITHIC IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

ECN3064SPV Datasheet(HTML) 4 Page - Hitachi Semiconductor

  ECN3064SPV Datasheet HTML 1Page - Hitachi Semiconductor ECN3064SPV Datasheet HTML 2Page - Hitachi Semiconductor ECN3064SPV Datasheet HTML 3Page - Hitachi Semiconductor ECN3064SPV Datasheet HTML 4Page - Hitachi Semiconductor ECN3064SPV Datasheet HTML 5Page - Hitachi Semiconductor ECN3064SPV Datasheet HTML 6Page - Hitachi Semiconductor ECN3064SPV Datasheet HTML 7Page - Hitachi Semiconductor ECN3064SPV Datasheet HTML 8Page - Hitachi Semiconductor ECN3064SPV Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PDE-3064-0
ECN3064
5.
Function
5.1
Truth Table
Terminal
Input
Output
UT,VT,WT,
L
OFF
UB,VB,WB
H
ON
UT,UB
UT&UB=H
OFF
VT,VB
VT&VB=H
OFF
WT,WB
WT&WB=H
OFF
5.2
Timing Chart
UT
VB
UB
WT
VT
WB
Top Arm
Bottom Arm
MU Output
MV Output
MW Output
Example of DC Brushless motor drive
5.3 Overcurrent Limiting Operation
This IC detects overcurrent by outside resistance Rs.
When Rs input voltage exceeds inner reference voltage
Vref(0.5V typical), this IC turns off the bottom output. After
overcurrent detection, a reset operation is done
at each inner clock signal period.
In case of not using this function,
please connect Rs
terminal to GL terminal.
5pF
Vref
typ 220k
typ 200k
typ 300
VB
RS
RS terminal inner equvalent circuit
typ
Inner Clock Trigger
Latch
S
R


Similar Part No. - ECN3064SPV

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
ECN30601 HITACHI-ECN30601 Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601SP HITACHI-ECN30601SP Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601SPR HITACHI-ECN30601SPR Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601SPV HITACHI-ECN30601SPV Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3061 HITACHI-ECN3061 Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
More results

Similar Description - ECN3064SPV

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
ECN2102 HITACHI-ECN2102 Datasheet
113Kb / 13P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3067 HITACHI-ECN3067 Datasheet
128Kb / 10P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3061 HITACHI-ECN3061 Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3063 HITACHI-ECN3063 Datasheet
112Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN30601 HITACHI-ECN30601 Datasheet
436Kb / 14P
   HIGH-VOLTAGE MONOLITHIC IC
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK_07 Datasheet
364Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4105K TOSHIBA-TPD4105K Datasheet
376Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K_07 Datasheet
374Kb / 24P
   High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com