Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECN30601SPR Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # ECN30601SPR
Description  HIGH-VOLTAGE MONOLITHIC IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

ECN30601SPR Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button ECN30601SPR Datasheet HTML 5Page - Hitachi Semiconductor ECN30601SPR Datasheet HTML 6Page - Hitachi Semiconductor ECN30601SPR Datasheet HTML 7Page - Hitachi Semiconductor ECN30601SPR Datasheet HTML 8Page - Hitachi Semiconductor ECN30601SPR Datasheet HTML 9Page - Hitachi Semiconductor ECN30601SPR Datasheet HTML 10Page - Hitachi Semiconductor ECN30601SPR Datasheet HTML 11Page - Hitachi Semiconductor ECN30601SPR Datasheet HTML 12Page - Hitachi Semiconductor ECN30601SPR Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
P9/13
ECN30601 Product Specification
ECN30601
5. Terminal layout
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
MV
VS1
MU
GH1
UT
VTR
WB
VB
UB
CR
CB
C+
GL
MW
GH2
NC
VCC
VS2
CL
C
VT
RS
WT
(Marking side)
6. Terminal definition
Terminal
No.
Symbol
Definition
Remarks
1
VS2
Power supply for upper IGBT of U and V phase
Note1,Note2
2
MW
W phase output
Note1
3
NC
Non connected terminal
Note4
4
GH2
W phase emitter of IGBT and anode of FWD. Connect Rs.
Note3
5
VCC
Logic power supply
6
GL
Logic ground
7
C+
For Charge pump circuit, power supply for top arm drive circuit
Note1
8
C-
For Charge pump circuit
Note1, Note2
9
CL
For Charge pump circuit
Note1
10
CB
Inner VB power supply
11
CR
Connect resistance and capacitance for clock frequency
12
VTR
Connect resistance for clock frequency
13
WB
Input control signal for W phase bottom arm
14
VB
Input control signal for V phase bottom arm
15
UB
Input control signal for U phase bottom arm
16
RS
RS voltage detect for over current limitation
17
WT
Input for W phase top arm control signal
18
VT
Input for V phase top arm control signal
19
UT
Input for U phase top arm control signal
20
GH1
U and V phase emitter of IGBT and anode of FWD.
Connect Rs.
Note3
21
MU
U phase output
Note1
22
VS1
Power supply for upper IGBT of U phase
Note1,Note2
23
MV
V phase output
Note1
Note1 High voltage terminal.
Note2 VS1, VS2 and C- terminals are connected in IC, but should be connect in external
circuit between VS1 and VS2.
Note3 GH1 and GH2 are not connected in IC, so should be connect in external circuit between
GH1 and GH2
Note4 not connected to inner chip.
PDE-30601-0
Relation No.:IC-SP-02023 R0


Similar Part No. - ECN30601SPR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
ECN3061 HITACHI-ECN3061 Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3061SP HITACHI-ECN3061SP Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3061SPR HITACHI-ECN3061SPR Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3061SPV HITACHI-ECN3061SPV Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3063 HITACHI-ECN3063 Datasheet
112Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
More results

Similar Description - ECN30601SPR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
ECN2102 HITACHI-ECN2102 Datasheet
113Kb / 13P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3067 HITACHI-ECN3067 Datasheet
128Kb / 10P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3061 HITACHI-ECN3061 Datasheet
110Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3064 HITACHI-ECN3064 Datasheet
128Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
ECN3063 HITACHI-ECN3063 Datasheet
112Kb / 9P
   HIGH-VOLTAGE MONOLITHIC IC
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK_07 Datasheet
364Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4105K TOSHIBA-TPD4105K Datasheet
376Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K_07 Datasheet
374Kb / 24P
   High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com