Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPEMI606 Datasheet(PDF) 10 Page - California Micro Devices Corp

Part # CSPEMI606
Description  LCD EMI Filter Array with ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPEMI606 Datasheet(HTML) 10 Page - California Micro Devices Corp

Back Button CSPEMI606 Datasheet HTML 4Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 5Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 6Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 7Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 8Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 9Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 10Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 11Page - California Micro Devices Corp CSPEMI606 Datasheet HTML 12Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
10
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 10/10/03
CSPEMI606/608
PRELIMINARY
Mechanical Details
CSPEMI606/608 devices are packaged in a custom
Chip Scale Packages (CSP). Dimensions for each of
these devices are presented in the following pages.
CSPEMI606 Mechanical Specifications
The package dimensions for the CSPEMI606 are pre-
sented below.
Package Dimensions for
CSPEMI606 Chip Scale Package
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
15
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
2.915
2.960
3.005
0.1148
0.1165
0.1183
A2
1.285
1.330
1.375
0.0506
0.0524
0.0541
B1
0.495
0.500
0.505
0.0195
0.0197
0.0199
B2
0.245
0.250
0.255
0.0096
0.0098
0.0100
B3
0.430
0.435
0.440
0.0169
0.0171
0.0173
B4
0.430
0.435
0.440
0.0169
0.0171
0.0173
C1
0.180
0.230
0.280
0.0071
0.0091
0.0110
C2
0.180
0.230
0.280
0.0071
0.0091
0.0110
D1
0.561
0.605
0.649
0.0221
0.0238
0.0255
D2
0.355
0.380
0.405
0.0140
0.0150
0.0159
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
A
B
C
34
56
C1
B1
A1
DIMENSIONS IN MILLIMETERS
D1
D2
BOTTOM VIEW
SIDE
VIEW
12
B2
0.30 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
96.8/2.6/0.6 Sn/Ag/Cu (Lead-free)


Similar Part No. - CSPEMI606

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
More results

Similar Description - CSPEMI606

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1420-22 ONSEMI-CM1420-22 Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
   LCD EMI Filter Array with ESD Protection
CM1420 CALMIRCO-CM1420 Datasheet
638Kb / 12P
   LCD EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1420 ONSEMI-CM1420 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1405 ONSEMI-CM1405 Datasheet
744Kb / 14P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev.2
logo
California Micro Device...
CM1451 CALMIRCO-CM1451 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1450 CALMIRCO-CM1450 Datasheet
333Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1452 CALMIRCO-CM1452 Datasheet
170Kb / 6P
   LCD & Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com