Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1198AEQ Datasheet(PDF) 11 Page - Sony Corporation

Part # CXG1198AEQ
Description  SP8T GSM/UMTS Dual Mode Antenna Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1198AEQ Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXG1198AEQ Datasheet HTML 3Page - Sony Corporation CXG1198AEQ Datasheet HTML 4Page - Sony Corporation CXG1198AEQ Datasheet HTML 5Page - Sony Corporation CXG1198AEQ Datasheet HTML 6Page - Sony Corporation CXG1198AEQ Datasheet HTML 7Page - Sony Corporation CXG1198AEQ Datasheet HTML 8Page - Sony Corporation CXG1198AEQ Datasheet HTML 9Page - Sony Corporation CXG1198AEQ Datasheet HTML 10Page - Sony Corporation CXG1198AEQ Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CXG1198AEQ
- 11 -
Sony Corporation
(Unit: mm)
PKG Outline
PKG Outline
0.4 Sqr.
0.3 Sqr.
0.4
0.1
0.3
0.2
4.9mm
PKG Outline (4.5mm)
1.6 Sqr.
0.6
0.85
0.2
1.5 Sqr.
1.1 Sqr.
0.15
R0.05
R0.05
[Detail A]
[Detail B]
[Detail C]
[Detail D]
D
C
A
B
: Resist open area
: Mask open area
: Land area


Similar Part No. - CXG1198AEQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1190AEQ SONY-CXG1190AEQ Datasheet
326Kb / 9P
   GSM/ UMT DUAL MODE SWITCH
logo
List of Unclassifed Man...
CXG1190EQ ETC-CXG1190EQ Datasheet
47Kb / 2P
   GSM/UMTS Dual Mode Terminal Ultralow Loss Antenna Switch Module
logo
Sony Corporation
CXG1192UR SONY-CXG1192UR Datasheet
50Kb / 5P
   SP3T 횞 2 Antenna Switch for GSM Quad-Band
CXG1194UR SONY-CXG1194UR Datasheet
54Kb / 6P
   SP4T Antenna Switch for GSM
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
More results

Similar Description - CXG1198AEQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3539XR SONY-CXM3539XR Datasheet
253Kb / 12P
   SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
CXG1228XR SONY-CXG1228XR Datasheet
190Kb / 8P
   SP8T Antenna Switch for GSM/UMTS
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXG1230EQ SONY-CXG1230EQ Datasheet
213Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3560XR SONY-CXM3560XR Datasheet
239Kb / 12P
   SP10T Antenna Switch for GSM/UMTS Dual Mode Handsets
logo
List of Unclassifed Man...
CXG1190EQ ETC-CXG1190EQ Datasheet
47Kb / 2P
   GSM/UMTS Dual Mode Terminal Ultralow Loss Antenna Switch Module
logo
Sony Corporation
CXM3525ER SONY-CXM3525ER Datasheet
278Kb / 14P
   DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com