Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PMT5941BT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 1PMT5941BT1
Description  3.2 Watt Plastic Surface Mount POWERMITE Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1PMT5941BT1 Datasheet(HTML) 5 Page - ON Semiconductor

  1PMT5941BT1 Datasheet HTML 1Page - ON Semiconductor 1PMT5941BT1 Datasheet HTML 2Page - ON Semiconductor 1PMT5941BT1 Datasheet HTML 3Page - ON Semiconductor 1PMT5941BT1 Datasheet HTML 4Page - ON Semiconductor 1PMT5941BT1 Datasheet HTML 5Page - ON Semiconductor 1PMT5941BT1 Datasheet HTML 6Page - ON Semiconductor 1PMT5941BT1 Datasheet HTML 7Page - ON Semiconductor 1PMT5941BT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1PMT5920B Series
http://onsemi.com
5
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of
control settings that will give the desired heat pattern. The
operator must set temperatures for several heating zones
and a figure for belt speed. Taken together, these control
settings make up a heating “profile” for that particular
circuit board. On machines controlled by a computer, the
computer remembers these profiles from one operating
session to the next. Figure 9 shows a typical heating profile
for use when soldering a surface mount device to a printed
circuit board. This profile will vary among soldering
systems, but it is a good starting point. Factors that can
affect the profile include the type of soldering system in
use, density and types of components on the board, type of
solder used, and the type of board or substrate material
being used. This profile shows temperature versus time.
The line on the graph shows the actual temperature that
might be experienced on the surface of a test board at or
near a central solder joint. The two profiles are based on a
high density and a low density board. The Vitronics
SMD310 convection/infrared reflow soldering system was
used to generate this profile. The type of solder used was
62/36/2 Tin Lead Silver with a melting point between
177 −189
°C. When this type of furnace is used for solder
reflow work, the circuit boards and solder joints tend to
heat first. The components on the board are then heated by
conduction. The circuit board, because it has a large surface
area, absorbs the thermal energy more efficiently, then
distributes this energy to the components. Because of this
effect, the main body of a component may be up to 30
degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
RAMP"
STEP 2
VENT
SOAK"
STEP 3
HEATING
ZONES 2 & 5
RAMP"
STEP 4
HEATING
ZONES 3 & 6
SOAK"
STEP 5
HEATING
ZONES 4 & 7
SPIKE"
STEP 6
VENT
STEP 7
COOLING
200°C
150°C
100°C
50°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100°C
150°C
160°C
170°C
140°C
Figure 9. Typical Solder Heating Profile
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES


Similar Part No. - 1PMT5941BT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT5941BT1 ONSEMI-1PMT5941BT1 Datasheet
62Kb / 6P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2005 ??Rev. 3
1PMT5941BT1G ONSEMI-1PMT5941BT1G Datasheet
62Kb / 6P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2005 ??Rev. 3
More results

Similar Description - 1PMT5941BT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT5920B ONSEMI-1PMT5920B_05 Datasheet
62Kb / 6P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2005 ??Rev. 3
logo
SIRENZA MICRODEVICES
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
   3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0286 AVAGO-MSA-0286 Datasheet
68Kb / 4P
   Surface Mount Plastic Package
logo
ON Semiconductor
1PMT50AT1 ONSEMI-1PMT50AT1 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
logo
API Delevan
PDB-C154SMF API-PDB-C154SMF Datasheet
100Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
List of Unclassifed Man...
PDV-C173SM ETC2-PDV-C173SM Datasheet
143Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
Luna Innovations Incorp...
PDB-C154SM LUNA-PDB-C154SM Datasheet
186Kb / 2P
   Photodiode in Plastic Surface Mount Package
logo
Continental Device Indi...
SOT-23 CDIL-SOT-23 Datasheet
220Kb / 3P
   SOT-23 Surface Mount Plastic Package
logo
Advanced Photonix, Inc.
PDB-C150SM ADVANCEDPHOTONIX-PDB-C150SM Datasheet
142Kb / 1P
   Photodiode in Plastic Surface Mount Package
PDB-C152SM ADVANCEDPHOTONIX-PDB-C152SM Datasheet
128Kb / 1P
   Photodiode in Plastic Surface Mount Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com