Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-ED80 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-ED80
Description  Optical Mouse Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-ED80 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-ED80 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-ED80 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-ED80 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-ED80 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-ED80 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-ED80 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-ED80 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-ED80 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-ED80 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Theory of Operation
The ADNS-2001 is based on
Optical Navigation Technology. It
contains an Image Acquisition
System (IAS), Digital Signal Pro-
cessor (DSP), and a mode select-
able PS/2 or quadrature output
converter. The IAS acquires im-
ages of microscopic surface im-
ages via the lens and illumination
Figure 1. ADNS-2001 block diagram.
Figure 2. ADNS-2001 sensor package outline drawing.
IMAGE
ACQUISITION
SYSTEM
DIGITAL
SIGNAL
PROCESSOR
PS/2 or QUAD
OUTPUT
CONVERTER
system provided by the HDNS-
2100, HDNS-2200, and the
HLMP-ED80. These images are
further processed by the DSP to
determine direction and distance
of motion. The DSP generates a
stream of delta x and delta y rela-
tive displacement values which
are then communicated to the
output converter. This converter
provides a PS/2 3-button output,
replacing existing mouse
microcontrollers, or two channel
quadrature output, for direct
interface to existing mouse
microcontrollers.
While the part can be run at 24
MHz in quadrature mode, 18 MHz
is recommended for PS/2 mode.
KAPTON TAPE
3.18
(0.125)
5.15
(0.203)
9.10
(0.358)
12.34
(0.486)
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. DIMENSIONAL TOLERANCE: ± 0.1 mm.
3. COPLANARITY OF LEADS: 0.1 mm.
4. LEAD PITCH TOLERANCE: ± 0.15 mm.
5. CUMULATIVE PITCH TOLERANCE: ± 0.15 mm.
6. ANGULAR TOLERANCE: ± 3.0 DEGREES.
7. MAXIMUM FLASH + 0.2 mm.
8. CHAMFER (25 DEGREES x 2) ON THE
TAPER SIDE OF THE LEAD.
1.42
(0.056)
0.99
(0.039)
6.17
(0.243)
5° TYP.
0.25
(0.010)
PIN 1
22.30
(0.878)
2.54
(0.100)
1.27
(0.050)
0.50
(0.020)
LEAD WIDTH
LEAD OFFSET
LEAD PITCH
13.38
(0.527)
6.02
(0.237)
4.55
(0.179)
∅ 5.60
(0.220)


Similar Part No. - HLMP-ED80

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED80 AVAGO-HLMP-ED80 Datasheet
308Kb / 9P
   Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
HLMP-ED80-K0000 AVAGO-HLMP-ED80-K0000 Datasheet
308Kb / 9P
   Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
HLMP-ED80-K0T00 AVAGO-HLMP-ED80-K0T00 Datasheet
308Kb / 9P
   Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
HLMP-ED80-PS000 AVAGO-HLMP-ED80-PS000 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
HLMP-ED80-PS000 BOARDCOM-HLMP-ED80-PS000 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
More results

Similar Description - HLMP-ED80

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5020-EN AVAGO-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com