Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M465405DTP-6S Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M5M465405DTP-6S
Description  EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M465405DTP-6S Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M5M465405DTP-6S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M465405DTP-6S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M465405DTP-6S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M465405DTP-6S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M465405DTP-6S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M465405DTP-6S Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M465405DTP-6S Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M465405DTP-6S Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M5M465405DTP-6S Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
MITSUBISHI ELECTRIC
Aug. 1999
EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
EDO MODE 67108864-BIT (8388608-WORD BY 8-BIT) DYNAMIC RAM
EDO MODE 67108864-BIT (4194304-WORD BY 16-BIT) DYNAMIC RAM
MITSUBISHI LSIs
(Rev. 1.0)
M5M467405/465405DJ,DTP -5,-6,-5S,-6S
M5M467805/465805DJ,DTP -5,-6,-5S,-6S
M5M465165DJ,DTP -5,-6,-5S,-6S
9
SWITCHING CHARACTERISTICS
(Ta=0
70
, Vcc=3.3
0.3V, Vss=0V, unless otherwise noted , see notes 6,14,15)
C
Parameter
Symbol
Limits
Unit
M5M46X405D-5,5S
M5M46X805D-5,5S
M5M465165D-5,5S
M5M46X405D-6,6S
M5M46X805D-6,6S
M5M465165D-6,6S
Access time from CAS
Access time from RAS
Column address access time
tCAC
ns
ns
ns
ns
ns
15
30
33
60
13
25
28
50
tRAC
tAA
tCPA
tOEA
Access time from CAS precharge
(Note 7,8)
(Note 7,9)
(Note 7,10)
(Note 7,11)
(Note 7)
Access time from OE
15
13
Min
Max
Min
Max
5
5
tCLZ
tOEZ
(Note 12)
Output disable time after OE high
15
13
ns
ns
tWEZ
Output disable time after W high
tOFF
Output disable time after CAS high
tREZ
Output disable time after RAS high
13
13
13
15
15
15
ns
ns
ns
(Note 12)
(Note 12,13)
(Note 12,13)
Output low impedance time from CAS low
(Note 7)
ns
tOHC
Output hold time from CAS
ns
tOHR
Output hold time from RAS
(Note 13)
5
5
5
5
~
±
Note 6: An initial pause of 500µs is required after power-up followed by a minimum of eight initialization cycles (any combination of cycles
containing RAS-only refresh or CAS before RAS refresh).
Note the RAS may be cycled during the initial pause. And any eight initialization cycles are required after prolonged periods
(greater than 64 ms) of RAS inactivity before proper device operation is achieved.
7: Measured with a load circuit equivalent to VOH=2.4V(IOH=-2mA) / VOL=0.4V(IOL=2mA) loads and 100pF. The reference levels for
measuring of output signals are VOH=2.0V and VOL=0.8V.
8: Assumes that tRCD
tRCD(max) and tASC
tASC(max) and tCP
tCP(max).
9: Assumes that tRCD
tRCD(max) and tRAD
tRAD(max). If tRCD or tRAD is greater than the maximum recommended value shown in this table,
tRAC will increase by amount that tRCD exceeds the value shown.
10: Assumes that tRAD
tRAD(max) and tASC
tASC(max).
11: Assumes that tCP
tCP(max) and tASC
tASC(max).
12: tOEZ(max), tWEZ(max), tOFF(max) and tREZ(max) defines the time at which the output achieves the high impedance state (IOUT
10 A) and is
not reference to VOH(min) or VOL(max).
13: Output is disabled after both RAS and CAS go to high.
≤ ±
µ
CAPACITANCE (Ta=0
70
, Vcc=3.3
0.3V, Vss=0V, unless otherwise noted)
C
Limits
Min
Max
Unit
Typ
pF
pF
pF
pF
pF
pF
Input capacitance,address inputs
CI (A)
CI (OE)
CI (RAS)
CI (W)
CI (CAS)
CI / O
Symbol
Parameter
Test conditions
Input capacitance, OE input
Input capacitance, write control input
Input capacitance, RAS input
Input capacitance, CAS input
Input/Output capacitance, data ports
5
7
7
7
7
VI=Vss
f=1MHZ
Vi=25mVrms
7
~
±


Similar Part No. - M5M465405DTP-6S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M465405BJ MITSUBISHI-M5M465405BJ Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465405BTP-5 MITSUBISHI-M5M465405BTP-5 Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465405BTP-5S MITSUBISHI-M5M465405BTP-5S Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465405BTP-6 MITSUBISHI-M5M465405BTP-6 Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465405BTP-6S MITSUBISHI-M5M465405BTP-6S Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
More results

Similar Description - M5M465405DTP-6S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M467405BTP-5 MITSUBISHI-M5M467405BTP-5 Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400DTP-5 MITSUBISHI-M5M467400DTP-5 Datasheet
246Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400BJ MITSUBISHI-M5M467400BJ Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V64AWJ-5 MITSUBISHI-MH16V64AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V644AWJ-5 MITSUBISHI-MH16V644AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com