Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI1032EA-125 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ISPLSI1032EA-125
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032EA-125 Datasheet(HTML) 3 Page - Lattice Semiconductor

  ISPLSI1032EA-125 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI1032EA-125 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1032EA-125 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1032EA-125 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1032EA-125 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1032EA-125 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032EA-125 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032EA-125 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032EA-125 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Specifications ispLSI 1032EA
Symbol
Parameter
Min
Max
Units
tbtcp
TCK [BSCAN test] clock pulse width
100
ns
tbtch
TCK [BSCAN test] pulse width high
50
ns
tbtcl
TCK [BSCAN test] pulse width low
50
ns
tbtsu
TCK [BSCAN test] setup time
20
ns
tbth
TCK [BSCAN test] hold time
25
ns
trf
TCK [BSCAN test] rise and fall time
50
mV/ns
tbtco
TAP controller falling edge of clock to valid output
25
ns
tbtoz
TAP controller falling edge of clock to data output disable
25
ns
tbtvo
TAP controller falling edge of clock to data output enable
25
ns
tbtcpsu
BSCAN test Capture register setup time
40
ns
tbtcph
BSCAN test Capture register hold time
25
ns
tbtuco
BSCAN test Update reg, falling edge of clock to valid output
50
ns
tbtuoz
BSCAN test Update reg, falling edge of clock to output disable
50
ns
tbtuov
BSCAN test Update reg, falling edge of clock to output enable
50
ns
Figure 2. Boundary Scan Waveforms and Timing Specifications
TMS
TDI
TCK
TDO
Data to be
captured
Data to be
driven out
Valid Data
Valid Data
Valid Data
Valid Data
Data Captured
btsu
T
bth
T
btcl
T
btch
T
btcp
T
btvo
T
btco
T
btoz
T
btcpsu
T
btcph
T
btuov
T
btuco
T
btuoz
T
Boundary Scan


Similar Part No. - ISPLSI1032EA-125

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032EA-125LT100 LATTICE-ISPLSI1032EA-125LT100 Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI1032EA-125

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com