Selected language     English  ▼


A-1001H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. A-1001H
Description  SINGLE DIGIT DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
C/A-811X, C/A-1001X
SINGLE DIGIT DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-811H
A-811H
GaP
Red
700
2.1
2.8
700
C-811E
A-811E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
3000
C-811G
A-811G
GaP
Green
565
2.1
2.8
3000
C-811Y
A-811Y
GaAsP/GaP Yellow
585
2.1
2.8
3000
C-811SR
A-811SR
GaAlAs
Super Red
660
1.8
2.4
21000
D13
C-1001H
A-1001H
GaP
Red
700
4.2
5.6
700
C-1001E
A-1001E
GaAsP/GaP Hi.effi Red
635
4.0
5.6
4200
C-1001G
A-1001G
GaP
Green
565
4.2
5.6
4000
C-1001Y
A-1001Y
GaAsP/GaP Yellow
585
4.2
5.6
3000
C-1001SR
A-1001SR
GaAlAs
Super Red
660
3.6
4.8
40000
D14
Fig.D13
Fig.D14
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAN6161C0.56 INCH 14.2 MM SINGLE DIGIT STICK DISPLAY DIAMOND Font 1 2 3 4 5 MoreFairchild Semiconductor
C-5001HSINGLE DIGIT DISPLAY 1 List of Unclassifed Manufacturers
LTS-546AHR0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY 1 2 3 4 5 Lite-On Technology Corporation
LTS-3406LYThe LTS-3406LY is a 0.8 inch 20.32 mm digit height single digit seven-segment display 1 2 3 4 5 Lite-On Technology Corporation
C-421XSINGLE DIGIT DISPLAY 1 List of Unclassifed Manufacturers
MANF260C4.0 INCH 101.6 MM SINGLE DIGIT STICK DISPLAY 1 2 3 4 5 MoreFairchild Semiconductor
LDS-SMC5602RD-TR0.56 SINGLE DIGIT SEVEN SEGMENT DISPLAY SURFACE MOUNT 565nm GREEN CHIPS BLACK FACE MILKY WHITE DIFFUSED 1 List of Unclassifed Manufacturers
PSA39-21GWA9.9mm 0.39 INCH 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY 1 2 3 Kingbright Corporation
LTS547AP0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY 1 2 3 4 5 Lite-On Technology Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl