Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS74FCT2245CTSO Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDTQS74FCT2245CTSO
Description  HIGH-SPEED CMOS 8-BIT TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS74FCT2245CTSO Datasheet(HTML) 6 Page - Integrated Device Technology

  IDTQS74FCT2245CTSO Datasheet HTML 1Page - Integrated Device Technology IDTQS74FCT2245CTSO Datasheet HTML 2Page - Integrated Device Technology IDTQS74FCT2245CTSO Datasheet HTML 3Page - Integrated Device Technology IDTQS74FCT2245CTSO Datasheet HTML 4Page - Integrated Device Technology IDTQS74FCT2245CTSO Datasheet HTML 5Page - Integrated Device Technology IDTQS74FCT2245CTSO Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDTQS74FCT2245T/AT/CT
HIGH-SPEEDCMOS8-BITTRANSCEIVER
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDTQS
XX
FCT
XXXX
XX
Package
Device Type
Temp. Range
SO
Q
Small Outline IC (gull wing)
Quarter Size Small Outline Package
High-Speed CMOS 8-Bit Transceiver
2245T
2245AT
2245CT
74
–40°C to +85°C


Similar Part No. - IDTQS74FCT2245CTSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS74FCT2244 IDT-IDTQS74FCT2244 Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244ATQ IDT-IDTQS74FCT2244ATQ Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244ATSO IDT-IDTQS74FCT2244ATSO Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244CTQ IDT-IDTQS74FCT2244CTQ Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244CTSO IDT-IDTQS74FCT2244CTSO Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDTQS74FCT2245CTSO

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM74HC245 HMSEMI-HM74HC245 Datasheet
1Mb / 9P
   high-speed CMOS 8-bit bus transceiver using silicon gate technology.
logo
Texas Instruments
SN65LVDM320 TI-SN65LVDM320 Datasheet
435Kb / 32P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL 8-BIT REGISTERED TRANSCEIVER
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Texas Instruments
CD54HC259 TI-CD54HC259 Datasheet
271Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259_08 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com