Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3407EDD-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3407EDD-2
Description  Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407EDD-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3407EDD-2 Datasheet HTML 3Page - Linear Technology LTC3407EDD-2 Datasheet HTML 4Page - Linear Technology LTC3407EDD-2 Datasheet HTML 5Page - Linear Technology LTC3407EDD-2 Datasheet HTML 6Page - Linear Technology LTC3407EDD-2 Datasheet HTML 7Page - Linear Technology LTC3407EDD-2 Datasheet HTML 8Page - Linear Technology LTC3407EDD-2 Datasheet HTML 9Page - Linear Technology LTC3407EDD-2 Datasheet HTML 10Page - Linear Technology LTC3407EDD-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3407-2
7
sn34072 34072fs
decrease causes the error amplifier to increase the ITH
voltage until the average inductor current matches the new
load current.
The main control loop is shut down by pulling the RUN pin
to ground.
Low Current Operation
Two modes are available to control the operation of the
LTC3407-2 at low currents. Both modes automatically
switch from continuous operation to the selected mode
when the load current is low.
To optimize efficiency, the Burst Mode operation can be
selected. When the load is relatively light, the LTC3407-2
automatically switches into Burst Mode operation, in
which the PMOS switch operates intermittently based on
load demand with a fixed peak inductor current. By run-
ning cycles periodically, the switching losses which are
dominated by the gate charge losses of the power MOSFETs
are minimized. The main control loop is interrupted when
the output voltage reaches the desired regulated value. A
hysteretic voltage comparator trips when ITH is below
0.35V, shutting off the switch and reducing the power. The
output capacitor and the inductor supply the power to the
load until ITH exceeds 0.65V, turning on the switch and the
main control loop which starts another cycle.
For lower ripple noise at low currents, the pulse skipping
mode can be used. In this mode, the LTC3407-2 continues
to switch at a constant frequency down to very low
currents, where it will begin skipping pulses. The effi-
ciency in pulse skip mode can be improved slightly by
connecting the SW node to the MODE/SYNC input which
reduces the clock frequency by approximately 30%.
Dropout Operation
When the input supply voltage decreases toward the
output voltage, the duty cycle increases to 100% which is
the dropout condition. In dropout, the PMOS switch is
turned on continuously with the output voltage being
equal to the input voltage minus the voltage drops across
the internal p-channel MOSFET and the inductor.
An important design consideration is that the RDS(ON) of
the P-channel switch increases with decreasing input
supply voltage (See Typical Performance Characteristics).
Therefore, the user should calculate the power dissipation
when the LTC3407-2 is used at 100% duty cycle with low
input voltage (See Thermal Considerations in the Applica-
tions Information Section).
Low Supply Operation
To prevent unstable operation, the LTC3407-2 incorpo-
rates an Under-Voltage Lockout circuit which shuts down
the part when the input voltage drops below about 1.65V.
OPERATIO
APPLICATIO S I FOR ATIO
A general LTC3407-2 application circuit is shown in
Figure 2. External component selection is driven by the
load requirement, and begins with the selection of the
inductor L. Once the inductor is chosen, CIN and COUT can
be selected.
Inductor Selection
Although the inductor does not influence the operating
frequency, the inductor value has a direct effect on ripple
current. The inductor ripple current ∆IL decreases with
higher inductance and increases with higher VIN or VOUT:
∆ =
I
V
fL
V
V
L
OUT
O
OUT
IN
•–
1
Accepting larger values of ∆IL allows the use of low
inductances, but results in higher output voltage ripple,
greater core losses, and lower output current capability.
A reasonable starting point for setting ripple current is
∆IL = 0.3 • ILIM, where ILIM is the peak switch current limit.
The largest ripple current ∆IL occurs at the maximum
input voltage. To guarantee that the ripple current stays
below a specified maximum, the inductor value should be
chosen according to the following equation:
L
V
fI
V
V
OUT
OL
OUT
IN MAX
=
•–
()
1
The inductor value will also have an effect on Burst Mode
operation. The transition from low current operation


Similar Part No. - LTC3407EDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407EDD-3 LINER-LTC3407EDD-3 Datasheet
248Kb / 16P
   Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
LTC3407EDD-4 LINER-LTC3407EDD-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407EDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com