Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8555AETB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8555AETB
Description  Low-Cost, High-Reliability, 0.5V to 3.3V ORing MOSFET Controllers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8555AETB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8555AETB Datasheet HTML 1Page - Maxim Integrated Products MAX8555AETB Datasheet HTML 2Page - Maxim Integrated Products MAX8555AETB Datasheet HTML 3Page - Maxim Integrated Products MAX8555AETB Datasheet HTML 4Page - Maxim Integrated Products MAX8555AETB Datasheet HTML 5Page - Maxim Integrated Products MAX8555AETB Datasheet HTML 6Page - Maxim Integrated Products MAX8555AETB Datasheet HTML 7Page - Maxim Integrated Products MAX8555AETB Datasheet HTML 8Page - Maxim Integrated Products MAX8555AETB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
Critical loads often employ parallel-connected power
supplies with redundancy to enhance system reliability.
The MAX8555/MAX8555A are highly integrated, inex-
pensive MOSFET controllers that provide isolation and
redundant power capability in high-reliability systems.
The MAX8555/MAX8555A are used in 0.5V to 3.3V sys-
tems, and have an internal charge pump to drive the
gates of the N-channel pass elements to (VCS+ + 5V).
During startup, the MAX8555/MAX8555A monitor the
voltage drop across the external MOSFETs. Once VCS+
approaches or exceeds the bus voltage (VCS-), the
MOSFETs are turned on. The MAX8555/MAX8555A fea-
ture a dual-purpose TIMER input. A single external
resistor from TIMER to ground sets the turn-on speed of
the external MOSFETs. Optionally, the TIMER input can
be used as a logic enable input. Once the external
MOSFET is turned on, these controllers monitor the
load, protecting the bus against overvoltage, undervolt-
age, and reverse-current fault conditions. The
MAX8555 is available with a 40mV reverse-current
threshold, while the MAX8555A is available with a 20mV
reverse-current threshold.
Overvoltage and undervoltage fault thresholds are
adjustable and can be disabled. The current-limit trip
points are set by the external MOSFETs’ RDS(ON),
reducing component count. An open-drain, logic-low
fault output indicates if an overvoltage, undervoltage, or
reverse-current fault occurs. The MAX8555 and the
MAX8555A can shut down in response to a reverse-
current fault condition as quickly as 200ns.
Both devices come in space-saving 10-pin µMAX or
TDFN packages and are specified over the extended
-40°C to +85°C temperature range.
Applications
Point-of-Load Supplies
Power-Supply Modules
Servers
Telecom Power Supplies
Rectifiers
Redundant Power Supplies in High-Availability
Systems
Features
♦ Simple, Integrated, and Inexpensive MOSFET
Controllers
♦ ORing FET Drive for 0.5V to 3.3V
♦ Eliminate ORing Diode Power Dissipation
♦ Provide N+1 Redundant Supply Capability for
Highly Reliable Systems
♦ Isolate Failed Short-Circuit Supply from
Output BUS
♦ Respond to Reverse Short-Circuit Current
in 200ns
♦ Adjustable Blank Time
♦ Programmable Soft-Start
♦ Logic Enable Input
♦ Adjustable Overvoltage and Undervoltage
Trip Points
♦ Fault-Indicator Output
♦ Space-Saving Packages
Low-Cost, High-Reliability, 0.5V to 3.3V ORing
MOSFET Controllers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
13-3087; Rev 0; 1/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX8555ETB
-40°C to 85°C
10 TDFN
3mm x 3mm*
ACC
MAX8555EUB
-40°C to 85°C
10 µMAX
8555EUB
MAX8555AETB
-40°C to 85°C
10 TDFN
3mm x 3mm*
ADD
MAX8555AEUB
-40°C to 85°C
10 µMAX
8555AEUB
1
2
3
4
5
10
9
8
7
6
CS+
CS-
OVP
VDD
VL
GND
GATE
MAX8555/
MAX8555A
µMAX
TOP VIEW
TIMER
UVP
FAULT
1
2
3
4
5
10
9
8
7
6
CS+
CS-
OVP
VDD
VL
GND
GATE
MAX8555/
MAX8555A
TDFN
TIMER
UVP
FAULT
Pin Configurations
*Exposed paddle
Typical Operating Circuit appears at end of data sheet.


Similar Part No. - MAX8555AETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8555AEVKIT MAXIM-MAX8555AEVKIT Datasheet
353Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 2/04
More results

Similar Description - MAX8555AETB

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com