Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8139C Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RTL8139C
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8139C Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RTL8139C Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
8
4.3 EPROM/EEPROM Interface
Symbol
Type
Pin No
Description
AUX
I
50
Aux. Power Detect: This pin is used to notify the RTL8100B(L) of the
existence of Aux. power during initial power-on or a PCI reset.
This pin should be pulled high to the Aux. power via a resistor to detect
the Aux. power. Doing so, will enable wakeup support from ACPI D3
cold or APM power-down. If this pin is not pulled high, the
RTL8100B(L) assumes that no Aux. power exists.
EESK
O
48
The MA2-0 pins are switched to EESK, EEDI, EEDO in 93C46
programming or auto-load mode.
EEDI
O
47
EEDO
O, I
46
EECS
O
49
EEPROM chip select
4.4 Power Pins
Symbol
Type
Pin No
Description
VDD
P
6,22,34,39,90,97
+3.3V (Digital)
AVDD
P
59,70,75
+3.3V (Analog)
VDD25
P
51,96
+2.5V (Digital)
AVDD25
P
58
+2.5V (Analog)
GND
P
2,16,31,43,56,
62,66,73,88
Ground
4.5 LED Interface
Symbol
Type
Pin No
Description
LED0, 1, 2
O
80,79,77
LED pins
LEDS1-0
00
01
10
11
LED0
TX/RX
TX/RX
TX
TX
LED1
LINK100
LINK10/100
LINK10/100
LINK100
LED2
LINK10
FULL
RX
LINK10
During power down mode, the LEDs are OFF.


Similar Part No. - RTL8139C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C-LF REALTEK-RTL8139C-LF Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139CL REALTEK-RTL8139CL Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139CL-LF REALTEK-RTL8139CL-LF Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8139C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
RTL8308B ETC-RTL8308B Datasheet
397Kb / 28P
   REALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com