Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8758ETG+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8758ETG+
Description  Step-Up Regulator with Switch Control and Operational Amplifier for TFT LCD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8758ETG+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8758ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 11Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Step-Up Regulator with Switch Control and
Operational Amplifier for TFT LCD
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 3.3V, VMAIN = 8.5V, FREQ = SHDN = IN, TA = +25°C, unless otherwise noted.)
OP-AMP LARGE-SIGNAL STEP RESPONSE
MAX8758 toc17
1
μs/div
VOUTB
2V/div
OP-AMP SMALL-SIGNAL STEP RESPONSE
MAX8758 toc18
200ns/div
VPOSB
100mV/div
AC-COUPLED
VOUTB
200mV/div
AC-COUPLED
HIGH-VOLTAGE SWITCH CONTROL FUNCTION
(MODE 1)
MAX8758 toc19
400
μs/div
VMODE
VCTL
VGON
HIGH-VOLTAGE SWITCH CONTROL FUNCTION
(MODE 2)
MAX8758 toc20
400
μs/div
VMODE
VCTL
VGON
POSITIVE CHARGE-PUMP OUTPUT VOLTAGE
vs. CHARGE-PUMP LOAD CURRENT
CHARGE-PUMP LOAD CURRENT (mA)
15
10
5
21
22
23
24
25
20
020
VIN = 3.3V
fOSC = 1.2MHz
-9
-8
-7
-6
-5
-10
NEGATIVE CHARGE-PUMP OUTPUT VOLTAGE
vs. LOAD CURRENT
CHARGE-PUMP LOAD CURRENT (mA)
15
10
5
020
VIN = 3.3V
fOSC = 1.2MHz


Similar Part No. - MAX8758ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8758EVKIT MAXIM-MAX8758EVKIT Datasheet
171Kb / 8P
   Low-Profile, Surface-Mount Components
Rev 0; 11/05
More results

Similar Description - MAX8758ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784EVKIT MAXIM-MAX8784EVKIT Datasheet
458Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX17062 MAXIM-MAX17062 Datasheet
250Kb / 14P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
MAX8752 MAXIM-MAX8752 Datasheet
240Kb / 12P
   TFT LCD Step-Up DC-DC Converter
Rev 0; 8/05
MAX8740 MAXIM-MAX8740 Datasheet
341Kb / 12P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
MAX8727 MAXIM-MAX8727 Datasheet
253Kb / 13P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/04
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Seiko Instruments Inc
S8333 SII-S8333 Datasheet
2Mb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Semtech Corporation
SC4503 SEMTECH-SC4503 Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com