Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8758ETG+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8758ETG+
Description  Step-Up Regulator with Switch Control and Operational Amplifier for TFT LCD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8758ETG+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8758ETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX8758ETG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX8758 includes a high-performance step-up regu-
lator, a high-speed operational amplifier, and a logic-
controlled, high-voltage switch-control block with pro-
grammable delay. The device is optimized for thin-film
transistor (TFT) liquid-crystal display (LCD) applications.
The step-up DC-DC regulator provides the regulated sup-
ply voltage for the panel source driver ICs. The converter
is a high-frequency (640kHz/1.2MHz), current-mode regu-
lator with an integrated 14V n-channel power MOSFET.
The high-switching frequency allows the use of ultra-small
inductors and ceramic capacitors. The current-mode con-
trol architecture provides fast transient response to pulsed
loads. The regulator achieves efficiencies over 85% by
bootstrapping the supply rail of the internal gate driver
from the step-up regulator output. The step-up regulator
features undervoltage lockout (UVLO), soft-start, and
internal current limit. The high-current operational amplifier
is designed to drive the LCD backplane (VCOM). The
amplifier features high output current (±150mA), fast slew
rate (7.5V/µs), wide bandwidth (12MHz), and rail-to-rail
inputs and outputs.
The MAX8758 is available in a 24-pin, 4mm x 4mm, thin
QFN package with a maximum thickness of 0.8mm for
ultra-thin LCD panels. The device operates over the
-40°C to +85°C temperature range.
Applications
Notebook Displays
LCD Monitors
Features
♦ 1.8V to 5.5V Input Voltage Range
♦ Input Undervoltage Lockout
♦ 0.5mA Quiescent Current
♦ 640kHz/1.2MHz Current-Mode Step-Up Regulator
Fast Transient Response
High-Accuracy Output Voltage (1.5%)
Built-In 14V, 2.5A, 115m
Ω MOSFET
High Efficiency
Programmable Soft-Start
Current Limit with Lossless Sensing
Timer-Delay Fault Latch
♦ High-Speed Operational Amplifier
±150mA Output Current
7.5V/µs Slew Rate
12MHz, -3dB Bandwidth
Rail-to-Rail Inputs/Outputs
♦ Dual-Mode™, Logic-Controlled, High-Voltage
Switch with Programmable Delay
♦ Thermal-Overload Protection
♦ 24-Pin, 4mm x 4mm, Thin QFN Package
Step-Up Regulator with Switch Control and
Operational Amplifier for TFT LCD
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
VMAIN
TO VCOM
BACKPLANE
VGON
FROM TCON
VIN
VGOFF
IN
FREQ
SHDN
COMP
LDO
FB
LX
GND
PGND
OUT
SUPB
GON
DRN
CTL
MODE
SS
POSB
NEGB
OUTB
THR
DLP
SRC
MAX8758
Simplified Operating Circuit
19-3699; Rev 1; 9/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX8758ETG
-40°C to +85°C
24 Thin QFN-EP*
4mm x 4mm
MAX8758ETG+
-40°C to +85°C
24 Thin QFN-EP*
4mm x 4mm
*EP = Exposed pad.
+Denotes lead-free package.
Pin Configuration appears at end of data sheet.
DualMode is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX8758ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8758EVKIT MAXIM-MAX8758EVKIT Datasheet
171Kb / 8P
   Low-Profile, Surface-Mount Components
Rev 0; 11/05
More results

Similar Description - MAX8758ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784EVKIT MAXIM-MAX8784EVKIT Datasheet
458Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX17062 MAXIM-MAX17062 Datasheet
250Kb / 14P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
MAX8752 MAXIM-MAX8752 Datasheet
240Kb / 12P
   TFT LCD Step-Up DC-DC Converter
Rev 0; 8/05
MAX8740 MAXIM-MAX8740 Datasheet
341Kb / 12P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
MAX8727 MAXIM-MAX8727 Datasheet
253Kb / 13P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/04
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Seiko Instruments Inc
S8333 SII-S8333 Datasheet
2Mb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Semtech Corporation
SC4503 SEMTECH-SC4503 Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com