Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1501DMR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1501DMR2
Description  Dual Mode PWM/Linear Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1501DMR2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1501DMR2 Datasheet HTML 1Page - ON Semiconductor NCP1501DMR2 Datasheet HTML 2Page - ON Semiconductor NCP1501DMR2 Datasheet HTML 3Page - ON Semiconductor NCP1501DMR2 Datasheet HTML 4Page - ON Semiconductor NCP1501DMR2 Datasheet HTML 5Page - ON Semiconductor NCP1501DMR2 Datasheet HTML 6Page - ON Semiconductor NCP1501DMR2 Datasheet HTML 7Page - ON Semiconductor NCP1501DMR2 Datasheet HTML 8Page - ON Semiconductor NCP1501DMR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCP1501
http://onsemi.com
4
Figure 2. Typical Circuit with the Internal Schematic
SHD
+
+
Reference
SoftStart
Thermal
Sync
Detection
and
Timing
Block
Output
Voltage
Program
MUX
Shutdown
Linear
Control
Block
Q
S
R
SYN
CB0
CB1
Output
Voltage
VO
LX
VCC
Input
Out
Out
Out
Slope
Compensation
+
Mode Select
Vref + 5%
Vref
Error
Amplifier
OVP
Comparator
PWM
Comparator
PWM
ILimit
Out
C2
Ground
Voltage
C1
Component
Value
Manufacturer
C1, C2
10
mF, 6.3 V
L
TDK, LLF4017−100 (Iout = 300 mA)
Coilcraft, LPO4812−103MX (Iout = 300 mA)
Coilcraft, 0805PS−103M (Iout = 150 mA)
TDK, NLC252018T−100 (Iout = 100 mA)
TDK, C2012X5R0J106M (0805 size)
10
mH
L
Q
+
+
+


Similar Part No. - NCP1501DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1501 ONSEMI-NCP1501 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1501 ONSEMI-NCP1501 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP1501DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1512 ONSEMI-NCP1512 Datasheet
77Kb / 12P
   PWM Buck Converter
June, 2003 - Rev. 0
logo
List of Unclassifed Man...
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
   PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
logo
ON Semiconductor
NCP1596 ONSEMI-NCP1596 Datasheet
215Kb / 12P
   1.5 MHz Current Mode PWM Buck Down Converter
March, 2009 ??Rev. P3
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Texas Instruments
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP873222-Q1 TI1-LP873222-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1 Datasheet
2Mb / 70P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com