Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM643 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM643 Datasheet HTML 1Page - Texas Instruments TMS320DM643 Datasheet HTML 2Page - Texas Instruments TMS320DM643 Datasheet HTML 3Page - Texas Instruments TMS320DM643 Datasheet HTML 4Page - Texas Instruments TMS320DM643 Datasheet HTML 5Page - Texas Instruments TMS320DM643 Datasheet HTML 6Page - Texas Instruments TMS320DM643 Datasheet HTML 7Page - Texas Instruments TMS320DM643 Datasheet HTML 8Page - Texas Instruments TMS320DM643 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 160 page
background image
www.ti.com
Contents
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
1
TMS320DM643 Video/Imaging Fixed-Point Digital
5
DM643 Peripheral Information and Electrical
Signal Processor
......................................... 1
Specifications
........................................... 64
1.1
Features
.............................................. 1
5.1
Parameter Information
.............................. 64
5.2
Recommended Clock and Control Signal Transition
1.2
Description
............................................ 2
Behavior
............................................. 66
1.2.1
Device Compatibility
................................. 3
5.3
Power Supplies
...................................... 66
1.3
Functional Block Diagram
............................ 4
5.4
Enhanced Direct Memory Access (EDMA) Control-
2
Device Overview
......................................... 6
ler
.................................................... 70
2.1
Device Characteristics
................................ 6
5.5
Interrupts
............................................ 74
2.2
CPU (DSP Core) Description
......................... 7
5.6
Reset
................................................ 76
2.3
Memory Map Summary
............................. 13
5.7
Clock PLL
........................................... 79
2.4
Bootmode
........................................... 16
5.8
External Memory Interface (EMIIF)
................. 85
2.5
Pin Assignments
.................................... 16
5.9
Multichannel Audio Serial Port (McASP0) Periph-
2.6
Development
........................................ 46
eral
................................................. 101
3
Device Configurations
................................. 49
5.10
Inter-Integrated Circuit (I2C)
....................... 108
3.1
Configurations at Reset
............................. 49
5.11
Host-Port Interface (HPI)
.......................... 113
3.2
Configurations After Reset
.......................... 50
5.12
Multichannel Buffered Serial Port (McBSP)
....... 119
3.3
Peripheral Configuration Lock
....................... 53
5.13
Video Port
......................................... 127
3.4
Device Status Register Description
................. 55
5.14
VCXO Interpolated Control (VIC)
.................. 135
3.5
Multiplexed Pin Configurations
...................... 56
5.15
Ethernet Media Access Controller (EMAC)
........ 137
3.6
Debugging Considerations
.......................... 58
5.16
Management Data Input/Output (MDIO)
.......... 143
3.7
Configuration Examples
............................. 59
5.17
Timer
............................................... 145
4
Device Operating Conditions
........................ 62
5.18
General-Purpose Input/Output (GPIO)
............ 147
4.1
Absolute Maximum Ratings Over Operating Case
5.19
JTAG
............................................... 150
Temperature Range
6
Revision History
...................................... 152
(Unless Otherwise Noted)
.......................... 62
7
Mechanical Data
....................................... 153
4.2
Recommended Operating Conditions
............... 62
7.1
Thermal Data
...................................... 153
4.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Case
7.2
Packaging Information
............................. 154
Temperature (Unless Otherwise Noted)
............ 63
Contents
5


Similar Part No. - TMS320DM643

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM643 TI-TMS320DM643 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 226P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMS320DM643

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642_08 Datasheet
1Mb / 176P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM641 TI-TMS320DM641 Datasheet
2Mb / 171P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com