Electronic Components Datasheet Search |
|
BC848ALT1G Datasheet(PDF) 2 Page - ON Semiconductor |
|
BC848ALT1G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 6 page BC846ALT1 Series http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector − Emitter Breakdown Voltage BC846A,B (IC = 10 mA) BC847A,B,C, BC850B,C BC848A,B,C, BC849B,C V(BR)CEO 65 45 30 − − − − − − V Collector − Emitter Breakdown Voltage BC846A,B (IC = 10 mA, VEB = 0) BC847A,B,C BC850B,C BC848A,B,C, BC849B,C V(BR)CES 80 50 30 − − − − − − V Collector − Base Breakdown Voltage BC846A,B (IC = 10 mA) BC847A,B,C, BC850B,C BC848A,B,C, BC849B,C V(BR)CBO 80 50 30 − − − − − − V Emitter − Base Breakdown Voltage BC846A,B (IE = 1.0 mA) BC847A,B,C, BC850B,C BC848A,B,C, BC849B,C V(BR)EBO 6.0 6.0 5.0 − − − − − − V Collector Cutoff Current (VCB = 30 V) (VCB = 30 V, TA = 150°C) ICBO − − − − 15 5.0 nA mA ON CHARACTERISTICS DC Current Gain BC846A, BC847A, BC848A (IC = 10 mA, VCE = 5.0 V) BC846B, BC847B, BC848B BC847C, BC848C (IC = 2.0 mA, VCE = 5.0 V) BC846A, BC847A, BC848A BC846B, BC847B, BC848B, BC849B, BC850B BC847C, BC848C, BC849C, BC850C hFE − − − 110 200 420 90 150 270 180 290 520 − − − 220 450 800 − Collector − Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Collector − Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) VCE(sat) − − − − 0.25 0.6 V Base − Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Base − Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) VBE(sat) − − 0.7 0.9 − − V Base − Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V) Base − Emitter Voltage (IC = 10 mA, VCE = 5.0 V) VBE(on) 580 − 660 − 700 770 mV SMALL−SIGNAL CHARACTERISTICS Current − Gain − Bandwidth Product (IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz) fT 100 − − MHz Output Capacitance (VCB = 10 V, f = 1.0 MHz) Cobo − − 4.5 pF Noise Figure (IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 kW, BC846A,B, BC847A,B,C, BC848A,B,C f = 1.0 kHz, BW = 200 Hz) BC849B,C, BC850B,C NF − − − − 10 4.0 dB Figure 1. |
Similar Part No. - BC848ALT1G |
|
Similar Description - BC848ALT1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |