Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC50560 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC50560
Description  INFRARED REMOTE CONTROL TRANSMITTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC50560 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC50560 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC50560 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC50560 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC50560 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC50560 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC50560 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC50560 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC50560 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC50560 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Silan
Semiconductors
SC50560
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.3
2002-03-21
3
PIN DESCRIPTION
Pin No.
Pin Name
Input/output
Description
1VSS
--
Negative Power Supply
2
TEST
I
Test Pin. This pin is normally connected to VSS.
3
SEL
I
Select Pin for SC50560-001/003.
4
OSCI
I
Oscillation Input Pin
5
OSCO
O
Oscillation Output Pin
6
CS
I
Code Select Pin
7~10
KIO0~KIO3
I/O
Input/Output Pins
18~11
KO0~KO7
O
Scan Output Pins
19
Dout
O
Output Pin
20
VDD
--
Positive Power Supply
FUNCTIONAL DESCRIPTION
SC50560 is capable of transmitting up to 256 different instructions and 8 bits custom codes using a 16-bit PCM
Code with a leader code. Furthermore, oscillation is normally stopped when there is no operating, thereby, lower
power dissipation.
1. TRANSMISSION CODE
SC50560 transmission code consists of a leader code, 8 bits custom code (C0 to C7) followed by a sync. bit
and 8 bits data code (D0 to D7) followed another sync. bit. The custom and the data codes are separated by a
separator. Please refer to the diagram below:
C1 C2 C3
C5
C4
C6
Leader Pulse
8 Bits Custom Code
C7
SYNC
D0 D1 D2 D3 D4 D5 D6 D7
SYNC
Sync. Bit
8 Bits Data Code
Sync. Bit
Seperator
Figure 1. SC50560 Transmission Code Format
One transmission Code Word consists of a 19-bit pulse (that is the leader pulse plus the 16 bits code) and the
separator. It is transferred in a 63.4ms for as long as the key is depressed. Please refer to the diagram below:
C0
SEPARATOR
8.4ms
4.2ms
ONE CODE WORD
63.4ms
4.2ms
8BITS CUSTOM CODE
LEADER CODE
8BITSDATACODE
C1 C2
C3 C4 C5 C6 C7
SYNC
D0 D1
D2 D3 D4 D5 D6 D7
SYNC
Figure 2. SC50560 Detailed Code Word Format


Similar Part No. - SC50560

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
SC50 EXTECH-SC50 Datasheet
246Kb / 1P
   Electronic Digital Scale
logo
Amphenol Corporation
SC50 AMPHENOL-SC50 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Kingbright Corporation
SC50-11 KINGBRIGHT-SC50-11 Datasheet
617Kb / 5P
   127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC50-11EWA KINGBRIGHT-SC50-11EWA Datasheet
617Kb / 5P
   127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC50-11SGWA KINGBRIGHT-SC50-11SGWA Datasheet
617Kb / 5P
   127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC50560

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248 Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
logo
Silan Microelectronics ...
SC6122 SILAN-SC6122 Datasheet
220Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com