Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83L38IV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT83L38IV
Description  OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L38IV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT83L38IV Datasheet HTML 6Page - Exar Corporation XRT83L38IV Datasheet HTML 7Page - Exar Corporation XRT83L38IV Datasheet HTML 8Page - Exar Corporation XRT83L38IV Datasheet HTML 9Page - Exar Corporation XRT83L38IV Datasheet HTML 10Page - Exar Corporation XRT83L38IV Datasheet HTML 11Page - Exar Corporation XRT83L38IV Datasheet HTML 12Page - Exar Corporation XRT83L38IV Datasheet HTML 13Page - Exar Corporation XRT83L38IV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
XRT83L38
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.0
6
RPOS_0
RDATA_0
RPOS_1
RDATA_1
RPOS_2
RDATA_2
RPOS_3
RDATA_3
RPOS_4
RDATA_4
RPOS_5
RDATA_5
RPOS_6
RDATA_6
RPOS_7
RDATA_7
1
1
19
138
156
52
34
123
105
B2
B2
G2
D15
B17
U2
M3
L17
T17
O
Receiver Positive Data Output for Channel _0 - Dual-Rail mode
This signal is the receive positive-rail output data sent to the Framer.
Receiver NRZ Data Output for Channel _0 - Single-Rail mode
This signal is the receive output data.
Receiver Positive Data Output for Channel _1
Receiver NRZ Data Output for Channel _1
Receiver Positive Data Output for Channel _2
Receiver NRZ Data Output for Channel _2
Receiver Positive Data Output for Channel _3
Receiver NRZ Data Output for Channel _3
Receiver Positive Data Output for Channel _4
Receiver NRZ Data Output for Channel _4
Receiver Positive Data Output for Channel _5
Receiver NRZ Data Output for Channel _5
Receiver Positive Data Output for Channel _6
Receiver NRZ Data Output for Channel 6
Receiver Positive Data Output for Channel _7
Receiver NRZ Data Output for Channel _7
RTIP_0
RTIP_1
RTIP_2
RTIP_3
RTIP_4
RTIP_5
RTIP_6
RTIP_7
3
17
140
154
50
36
121
107
C1
G1
G18
C18
U1
L1
L18
T18
I
Receiver Differential Tip Input for Channel _0
Positive differential receive input from the line
Receiver Differential Tip Input for Channel _1
Receiver Differential Tip Input for Channel _2
Receiver Differential Tip Input for Channel _3
Receiver Differential Tip Input for Channel _4
Receiver Differential Tip Input for Channel _5
Receiver Differential Tip Input for Channel _6
Receiver Differential Tip Input for Channel _7
RRING_0
RRING_1
RRING_2
RRING_3
RRING_4
RRING_5
RRING_6
RRING_7
4
16
141
153
49
37
120
108
D1
F1
F18
D18
T1
M1
M18
R18
I
Receiver Differential Ring Input for Channel _0
Negative differential receive input from the line
Receiver Differential Ring Input for Channel _1
Receiver Differential Ring Input for Channel _2
Receiver Differential Ring Input for Channel _3
Receiver Differential Ring Input for Channel _4
Receiver Differential Ring Input for Channel _5
Receiver Differential Ring Input for Channel _6
Receiver Differential Ring Input for Channel _7
RXMUTE
89
T12
I
Receive Data Muting
When a LOS condition occurs, the outputs RPOS_n/RNEG_n will be muted,
(forced to ground) to prevent data chattering.
Tie this pin “Low” to disable the muting function.
NOTES:
1.
This pin is internally pulled “High” with a 50k
Ω resistor.
2.
In Hardware mode, all receive channels share the same RXMUTE
control function.
SIGNAL NAME
TQFP
PIN #
BGA
LEAD #
TYPE
DESCRIPTION


Similar Part No. - XRT83L38IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L38IB EXAR-XRT83L38IB Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L38IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com