Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6EU-0515ZH30 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P6EU-0515ZH30
Description  3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6EU-0515ZH30 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P6EU-0515ZH30 Datasheet HTML 1Page - PEAK electronics GmbH P6EU-0515ZH30 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MS SERIES P6EU-XXXXZH30 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6
Available Inputs:
5 and 12 VDC
Available Outputs:
(+/-) 5, 9, 12 and 15 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Capacitors
Isolation Specifications
Rated voltage
3000 VDC
Leakage current
1 mA
Resistance
10
9 Ohm
Capacitance
50 pF typ.
Output Specifications
Voltage accuracy
+/- 5 %, max.
Ripple and noise (at 20 MHz BW)
75 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
+/- 1,2 % / 1,0 % of Vin
Load voltage regulation
+/- 8 %, load = 20 ~ 100 %
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
72 % to 82 %
Switching frequency
90 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 40° C to + 85° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions SIP
16.55 x 5.95 x 7.55 mm
0,65 x 0,23 x 0,30 inches
Weight
1.8 g
Case material
Non conductive black plastic
Examples of Partnumbers
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P6EU-0505ZH30
5
26
277
+/- 5
+/- 100
72
P6EU-0509ZH30
5
26
253
+/- 9
+/- 55
79
P6EU-0512ZH30
5
26
250
+/- 12
+/- 42
80
P6EU-0515ZH30
5
26
250
+/- 15
+/- 34
80
P6EU-1205ZH30
12
12
111
+/ - 5
+/- 100
75
P6EU-1209ZH30
12
12
105
+/- 9
+/- 55
79
P6EU-1212ZH30
12
12
104
+/- 12
+/- 42
80
P6EU-1215ZH30
12
12
102
+/- 15
+/ 34
82


Similar Part No. - P6EU-0515ZH30

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
P6E FUMAN-P6E Datasheet
126Kb / 5P
   Apple Headphone Cable IC
logo
Texas Instruments
P6E02A-602530-B1 TI-P6E02A-602530-B1 Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
P6E03A-602530-B1 TI-P6E03A-602530-B1 Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
logo
HY-LINE Power Component...
P6E0505DC HY-LINE-P6E0505DC Datasheet
362Kb / 4P
   6 W DC-DC Converter P6E-Series
Rev: 20200206 f
P6E0505SC HY-LINE-P6E0505SC Datasheet
362Kb / 4P
   6 W DC-DC Converter P6E-Series
Rev: 20200206 f
More results

Similar Description - P6EU-0515ZH30

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6LU-053R3Z PEAK-P6LU-053R3Z Datasheet
235Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6MU-053R3Z PEAK-P6MU-053R3Z Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P6MU-0505E PEAK-P6MU-0505E Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
logo
Wurth Elektronik GmbH &...
1769205132 WURTH-1769205132 Datasheet
2Mb / 31P
   5V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 September 2022
logo
PEAK electronics GmbH
P10MU-0505Z PEAK-P10MU-0505Z Datasheet
264Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
PEAK electronics GmbH
P6LU PEAK-P6LU Datasheet
248Kb / 2P
   4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P6CU-0505Z PEAK-P6CU-0505Z Datasheet
244Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com