Electronic Components Datasheet Search |
|
XRT83L38IB Datasheet(PDF) 11 Page - Exar Corporation |
|
XRT83L38IB Datasheet(HTML) 11 Page - Exar Corporation |
11 / 91 page XRT83L38 OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR REV. 1.0.0 7 TRANSMITTER SECTIONS RXRES1 RXRES0 81 82 R10 V10 I Receive External Resistor Control Pins - Hardware mode Receive External Resistor Control Pin 1: Receive External Resistor Control Pin 0: These pins determine the value of the external Receive fixed resistor according to the following table: NOTE: These pins are internally pulled “Low” with a 50k Ω resistor. RCLKE µPTS1 133 133 J16 J16 I Receive Clock Edge - Hardware mode Set this pin “High” to sample RPOS_N/RNEG_n on the falling edge of RCLK_n. With this pin tied “Low”, output data are updated on the rising edge of RCLK_n. Microprocessor Type Select Input pin 1 - Host mode This pin along with µPTS2 (pin 128) is used to select the microprocessor type. See “Microprocessor Type Select Input Pins - Host Mode:” on page 12. NOTE: This pin is internally pulled “Low” with a 50k Ω resistor. SIGNAL NAME TQFP PIN # BGA LEAD # TYPE DESCRIPTION TCLKE µPTS2 128 128 L15 L15 I Transmit Clock Edge - Hardware mode Set this pin “High” to sample transmit input data on the rising edge of TCLK_n. With this pin tied “Low”, input data are sampled on the falling edge of TCLK_n. Microprocessor Type Select Input pin 2 - Host mode This pin along with µPTS1 (pin 133) selects the microprocessor type. See “Microprocessor Type Select Input Pins - Host Mode:” on page 12. NOTE: This pin is internally pulled “Low” with a 50k Ω resistor. TTIP_0 TTIP_1 TTIP_2 TTIP_3 TTIP_4 TTIP_5 TTIP_6 TTIP_7 7 13 144 150 46 40 117 111 E3 G4 F17 C16 R2 N2 N16 P16 O Transmitter Tip Output for Channel _0 Positive differential transmit output to the line. Transmitter Tip Output for Channel _1 Transmitter Tip Output for Channel _2 Transmitter Tip Output for Channel _3 Transmitter Tip Output for Channel _4 Transmitter Tip Output for Channel _5 Transmitter Tip Output for Channel _6 Transmitter Tip Output for Channel _7 SIGNAL NAME TQFP PIN # BGA LEAD # TYPE DESCRIPTION RXRES 1 0 0 Required Fixed External RX Resistor No External Fixed R esistor 240 Ω RXRES0 0 1 1 1 210 Ω 150 Ω 0 1 |
Similar Part No. - XRT83L38IB |
|
Similar Description - XRT83L38IB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |