Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5814 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # 2SC5814
Description  For Low Frequency Amplify Application Silicon NPN Epitaxial Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5814 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  2SC5814 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5814 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5814 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5814 Datasheet HTML 4Page - Isahaya Electronics Corporation 2SC5814 Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
〈Transistor〉
DEVELOPING
2SC5814,2SC5815,2SC5816,2SC5817
For Low Frequency Amplify Application
Silicon NPN Epitaxial Type
ELECTRICAL CHARACTERISTICS (Ta=25℃)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
(BR)CEO
C to E break down voltage
I
C=100uA,RBE=∞
60
V
I
CBO
Collector cut off current
V
CB=60V,I E =0mA
0.5
μA
IEBO
Emitter cut off current
V
EB=4V,I C=0mA
0.5
μA
FE
DC forward current gain
VCE=6V,IC=1mA
120
560
-
FE
DC forward current gain
VCE=6V,IC=0.1mA
70
-
VCE(sat)
C to E saturation voltage
IC=30mA,I
B=1.5mA
0.3
V
fT
Gain band width product
VCE=6V,IE=-10mA
200
MHz
Cob
Collector output capacitance
VCB=6V,IE=0mA,f=1MHz
1.5
pF
* It shows h
FE classification in right table.
Item
Q
R
S
FE
120∼270
180∼390
270∼560
Marking
EQ
ER
ES
Item
E
F
FE
150∼300
250∼500
Marking
EE
EF
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - 2SC5814

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5814 ISAHAYA-2SC5814 Datasheet
157Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5814 ISAHAYA-2SC5814_10 Datasheet
157Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - 2SC5814

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5383 ISAHAYA-2SC5383_10 Datasheet
184Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
INC6006AS1 ISAHAYA-INC6006AS1 Datasheet
151Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5938A ISAHAYA-2SC5938A Datasheet
89Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
List of Unclassifed Man...
2SC5214 ETC-2SC5214 Datasheet
155Kb / 3P
   For Low Frequency Amplify Application Silicon Npn Epitaxial Type
logo
Isahaya Electronics Cor...
2SC3928A ISAHAYA-2SC3928A_11 Datasheet
138Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4155 ISAHAYA-2SC4155_11 Datasheet
138Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
INA6002AC1 ISAHAYA-INA6002AC1 Datasheet
70Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3052 ISAHAYA-2SC3052_10 Datasheet
189Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4155A ISAHAYA-2SC4155A_11 Datasheet
139Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
List of Unclassifed Man...
2SC4155 ETC-2SC4155 Datasheet
93Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com