Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3800P Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B3800P
Description  Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B3800P Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B3800P Datasheet HTML 1Page - List of Unclassifed Manufacturers B3800P Datasheet HTML 2Page - List of Unclassifed Manufacturers B3800P Datasheet HTML 3Page - List of Unclassifed Manufacturers B3800P Datasheet HTML 4Page - List of Unclassifed Manufacturers B3800P Datasheet HTML 5Page - List of Unclassifed Manufacturers B3800P Datasheet HTML 6Page - List of Unclassifed Manufacturers B3800P Datasheet HTML 7Page - List of Unclassifed Manufacturers B3800P Datasheet HTML 8Page - List of Unclassifed Manufacturers B3800P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B3800
Electrical Characteristics
Value
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reset Voltage
VR
-
-
0.9
V
Circuit to Prevent
Malfunction at low input
voltage (U.V.L.O.)
Threshold voltage
VTH
1.1
1.3
1.5
V
Changing current
ICS
-
-1.5
-1.0
-0.7
µA
Soft Start
Voltage at soft start
completion
VTS
VSCP=0V
0.7
0.8
0.9
V
Charging current
Icpc
VSCP=0V
-1.5
-1.0
-0.7
µA
Short Circuit detection
(OSC)
Threshold voltage
VPC
-
0.7
0.8
0.9
V
Oscillation freq.
focs
RT=3.0kΩ, CT=270pF
400
500
600
kH
z
Frequency input
stability
fdv
VCC=2V to 15V
-
2
10
%
Sawtooth wave oscillator
(OSC)
Frequency variation
with temperature
fdt
Ta=-30°C to +85°C
-
5
-
%
Input threshold
voltage
VT
VFB=450mV
480
500
520
mV
VTinput stability
VTdv
VCC= 2V to 15V
-
5
20
mV
VT variation with
temperature
VTDT
Ta= -30°C to +85°C
-
1
-
%
Input bias current
IB
VIN=0V
-1.0
-0.2
1.0
µA
Voltage gain
AV
-
70
100
145
V/
V
Frequency bandwidth
BW
AV=0dB
-
6
-
M
Hz
Maximum output
voltage range
VOM
+
VOM
-
-
0.78
-
0.87
0.05
-
0.2
V
Output source current
IOM
+
-
-40
-24
µA
Error amplifier
Output sink current
IOM
_
VFB=0.45V
24
40
-
µA
Idle period adjustable
section
Maximum duty cycle
tDUTY
RT=3.0kΩ, CT=270pF
VFB=0.8V
65
75
85
%
VOH1
RB=390Ω, IO= -15mA
1.0
1.2
-
V
VOH2
RB=750Ω, IO= -10mA,
VCC=1.8V
0.8
1.0
-
V
VOL1
RB=390Ω, IO=15mA
-
0.1
0.2
V
Output voltage
VOL2
RB=750Ω, IO=10mA,
VCC=1.8V
-
0.1
0.2
V
Output source current
IO
+
RB=390Ω, VCC=0.9V
-
-30
-20
mA
Output sink current
IO
-
RB=390Ω, VCC=0.3V
30
60
-
mA
Output section
Pull down resistance
RO
-
20
30
40
k
Pin Voltage
VBR
RB=390Ω,
0.2
0.3
0.4
V
Input off condition
IOFF
-20
-
0
µA
Input on condition
ION
-
-
-45
µA
Output current setting
section/ Control section
Pin current range
IBR
-
-1.8
-
-0.1
mA
Stand-by current
ICCB
BR/CTL pin open or
Vcc
-
-
1
mA
Entire device
Average supply
current
ICC
RB=390Ω,
-
5.5
9.3
mA


Similar Part No. - B3800P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B380 DIODES-B380 Datasheet
45Kb / 2P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B380 WEITRON-B380 Datasheet
219Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
B380 WEITRON-B380 Datasheet
242Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B380 DIODES-B380 Datasheet
217Kb / 3P
   3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
logo
Compact Technology Corp...
B380 CTC-B380 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B3800P

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL700D INTEGRAL-IL700D Datasheet
184Kb / 4P
   HIGH VOLTAGE HIGH-FREQUENCY STEP-UP SWITCHING REGULATOR-CONTROLLER
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
   STEP-UP SWITCHING REGULATOR
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
logo
List of Unclassifed Man...
PJ3800 ETC1-PJ3800 Datasheet
333Kb / 8P
   Low Voltage Switching Regulator Controller
logo
Unisonic Technologies
L2800 UTC-L2800_11 Datasheet
252Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800_06 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
Unisonic Technologies
L2800 UTC-L2800_13 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
E-Tech Electronics LTD
L2800 ETL-L2800 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Unisonic Technologies
L2800 UTC-L2800 Datasheet
136Kb / 9P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Seiko Instruments Inc
S-8310 SII-S-8310 Datasheet
1Mb / 32P
   PWM STEP-UP SWITCHING REGULATOR WITH VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com