Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28317ZC-2T Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY28317ZC-2T
Description  FTG for Mobile VIA PL133T and PLE133T Chipsets
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28317ZC-2T Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY28317ZC-2T Datasheet HTML 1Page - Cypress Semiconductor CY28317ZC-2T Datasheet HTML 2Page - Cypress Semiconductor CY28317ZC-2T Datasheet HTML 3Page - Cypress Semiconductor CY28317ZC-2T Datasheet HTML 4Page - Cypress Semiconductor CY28317ZC-2T Datasheet HTML 5Page - Cypress Semiconductor CY28317ZC-2T Datasheet HTML 6Page - Cypress Semiconductor CY28317ZC-2T Datasheet HTML 7Page - Cypress Semiconductor CY28317ZC-2T Datasheet HTML 8Page - Cypress Semiconductor CY28317ZC-2T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CY28317-2
Document #: 38-07094 Rev. *B
Page 4 of 21
Serial Data Interface
The CY28317-2 features a two-pin, serial data interface that
can be used to configure internal register settings that control
particular device functions.
Data Protocol
The clock driver serial protocol supports byte/word Write,
byte/word Read, block Write and block Read operations from
the controller. For block Write/Read operations, the bytes must
be accessed in sequential order from lowest to highest byte
with the ability to stop after any complete byte has been trans-
ferred. For byte/word Write and byte Read operations, the sys-
tem controller can access individual indexed bytes. The offset
of the indexed byte is encoded in the command code.
The definition for the command code is defined as shown in
Table 2.
Table 2. Command Code Definition
Bit
Descriptions
7
0 = Block read or block write operation
1 = Byte/Word read or byte/word write operation
6:0
Byte offset for byte/word read or write operation. For block read or write operations, these bits
need to be set at ‘0000000’.
Table 3. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘00000000’ stands for block operation
11:18
Command Code – 8 bits
‘00000000’ stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte count – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 0 – 8 bits
28
Read
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
...
Data byte N/Slave acknowledge...
39:46
Data byte from slave – 8 bits
...
Data byte N – 8 bits
47
Acknowledge
...
Acknowledge from slave
48:55
Data byte from slave – 8 bits
...
Stop
56
Acknowledge
...
Data bytes from slave/Acknowledge
...
Data byte N from slave - 8 bits
...
Not acknowledge
...
Stop


Similar Part No. - CY28317ZC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28317ZC-2T SPECTRALINEAR-CY28317ZC-2T Datasheet
263Kb / 20P
   FTG for Mobile VIA??PL133T and PLE133T Chipsets
logo
Silicon Laboratories
CY28317ZC-2T SILABS-CY28317ZC-2T Datasheet
216Kb / 20P
   FTG for Mobile VIA??PL133T and PLE133T Chipsets
More results

Similar Description - CY28317ZC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28317-2 SPECTRALINEAR-CY28317-2 Datasheet
263Kb / 20P
   FTG for Mobile VIA??PL133T and PLE133T Chipsets
logo
Silicon Laboratories
CY28317-2 SILABS-CY28317-2 Datasheet
216Kb / 20P
   FTG for Mobile VIA??PL133T and PLE133T Chipsets
logo
Cypress Semiconductor
CY28316 CYPRESS-CY28316 Datasheet
170Kb / 20P
   FTG for VIA PL133T and PLE133T
CY28316 CYPRESS-CY28316_02 Datasheet
158Kb / 18P
   FTG for VIA PL133T and PLE133T
logo
SpectraLinear Inc
CY28316 SPECTRALINEAR-CY28316 Datasheet
207Kb / 17P
   FTG for VIA PL133T and PLE133T
logo
Cypress Semiconductor
CY28325-3 CYPRESS-CY28325-3 Datasheet
266Kb / 19P
   FTG for VIA Pentium 4 Chipsets
logo
SpectraLinear Inc
CY28325-3 SPECTRALINEAR-CY28325-3 Datasheet
206Kb / 18P
   FTG for VIA??Pentium 4??Chipsets
logo
Cypress Semiconductor
CY28325-2 CYPRESS-CY28325-2 Datasheet
343Kb / 19P
   FTG for VIA Pentium 4 Chipsets
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com