Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS-A854RD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BS-A854RD
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BS-A854RD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BS-A854RD Datasheet HTML 1Page - List of Unclassifed Manufacturers BS-A854RD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD-37
BS-A
C83xRD
SD-38
BS-A
C84xRD
SD-39
BS-A
C85xRD
SD-40
BS-A
C86xRD
SD-41
BS-A
CA0xRD
SD-42
BS-A
CA1xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
BS-C84xRD
D
11
4,6,12,17
NP: 1,8,9,16,18.
8.40(.331)
BS-A84xRD
4,6,12,17
NP: 1,8,9,16,18.
15.24(.600)
13
2 15
7
LDP A
C
B
E0.50(.020)
10
14
53
11
E
D
F
RDP
G
7
13
15
2
LDP
B
A
C
3.00(.118)MIN.
LDP
E
F
8B
19.90(.783)
11.00(.433)
20.40(.800)
PIN 1.
+
27.70(1.091)
E1.5(.059)
BS-A85xRD
10.60(.417)
3.00(.118)MIN.
14 10
3
5
E
G
F
RDP
D RDP
C
G
B
E0.50(.020)
15.24(.600)
BS-C85xRD
14
NP: 1,6,8,16,18.
4,12,17
F
D
CE
B
A
9,11
15
2
13
5,7 3
D
F
E
G
DP
G
10
DP
C
B
25.00(.984)
11.60(.457)
2.54(.100)
A
8B
20.30(.800)
18.60(.732)
PIN 1. +
2.54(.100)
1.30(.051)
E2.5(.098)
A
14
NP: 1,6,8,16,18.
C
13
B
15
A
2
5,7
E
D
9,11
G
3
F
DP
10
4,12,17
BS-C86xRD
25.4(1.0)
3.00(.118)MIN.
10.10(.398)
7
AE
1
2
D
6
B
4
C
E0.50(.020)
2.54(.100)
BS-A86xRD
3,8
D
G
F
E
11.00(.433)
20.00(.787)
20.00(.787)
PIN 1.
29.00(1.141)
8B
E2.0(.079)
+
A
5
DP
10
G
9
F
RDP
B
C
BS-CA1xRD
30.50(1.200)
3,8
2
6 4
7
D
C
AB
14.10(.555)
24.00(.945)
BS-AA1xRD
E0.50(.020)
2.54(.100)
3.00(.118)
MIN.
10.50(.413)
D
E
G
F
A
+
25.40(1.00)
PIN 1.
10B
33.90(1.335)
E2.5(.098)
10
9
15
DP
G
F
E
C
DP
B
6
B
7
A
9
F
E
1
2
D
4
C
5
DP
10
G
3,8
A
6
B
7
E
D
1
C
2
4
3,8
DP
G
F
10
95
4
15
A1
21
A2
C
13
BD1
11
E
D2
5
10
3
F
G2
16
G1
14
J
12,17
M
9
L
18
K
6
P
8
N
7
G1
E
P
M
N
G2
C
F
K
J
L
A1 A2
B
D1 D2
8B
11.00(.433)
27.70(1.091)
20.00(.787)
8.50(.335)
3.00(.118)MIN.
15.24(.600)
E0.50(.020)
2.54x8=20.32(.80)
+
PIN 1.
BS-A83xRD
1.00(.039)
20.32(.800)
NP: 4,5,12.
NP: 4,5,12.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-A854RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-A854RD BRIGHT-BS-A854RD Datasheet
166Kb / 3P
   20.3mm (0.80) high single digit seven segments display
More results

Similar Description - BS-A854RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com