Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V8985 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V8985
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V8985 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V8985 Datasheet HTML 4Page - Integrated Device Technology IDT72V8985 Datasheet HTML 5Page - Integrated Device Technology IDT72V8985 Datasheet HTML 6Page - Integrated Device Technology IDT72V8985 Datasheet HTML 7Page - Integrated Device Technology IDT72V8985 Datasheet HTML 8Page - Integrated Device Technology IDT72V8985 Datasheet HTML 9Page - Integrated Device Technology IDT72V8985 Datasheet HTML 10Page - Integrated Device Technology IDT72V8985 Datasheet HTML 11Page - Integrated Device Technology IDT72V8985 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Commercial Temperature Range
IDT72V8985 3.3V Time Slot Interchange
Digital Switch 256 x 256
TABLE 4
 CONNECTION MEMORY HIGH
TABLE 5
 CONNECTION MEMORY LOW
TABLE 3
 CONTROL REGISTER
Bit
Name
Description
7
SM (Split Memory)
When 1, all subsequent reads are from the Data Memory and writes are to the Connection Memory, except when
the Control Register is accessed again. The Memory Select bits need to specify the memory for the operations.
6
PE (Processor Mode)
When 1, the contents of the Connection Memory LOW are output on the Serial Output streams except when in high-
impedance. When 0, the Connection Memory bits for each channel determine what is output.
5
unused
4-3
MS1-MS0
0-0 - Not to be used.
(Memory Select Bits)
0-1 - Data Memory (read only from the CPU)
1-0 - Connection Memory LOW
1-1 - Connection Memory is HIGH
2-0
STA2-0
The number expressed in binary notation on these bits refers to the input or output stream which corresponds to the
(Stream Address Bits)
subsection of memory made accessible for subsequent operations.
SM
PE
X
MS1
MS0
STA2
STA1
STA0
76543210
x = don't care
Bit
Name
Description
7,5,4,3
unused
6
V/C (Variable/Constant
This bit is used to select between Variable (LOW) and Constant Delay (HIGH) modes on a per-channel basis.
Throughput Delay Mode)
2
CS
When 1, the contents of the corresponding location in Connection Memory LOW are output on the location's channel
(Channel Source)
and stream. When 0, the contents of the corresponding location in Connection Memory LOW act as an address for the
Data Memory and determine the source of the connection to the location's channel and stream.
1
CCO (CCO Bit)
This bit drives a bit time on the CCO output pin.
0
OE (Output Enable)
This bit enables the output drivers on a per-channel basis. This allows individual channels on individual streams to
be made high-impedance, allowing switch matrices to be constructed. A HIGH enables the driver and a LOW disables it.
X
V/C
XXX
CS
CCO
OE
76543210
x = don't care
Bit
Name
Description
7-5
SAB2-0(1)
These three bits are used to select eight source streams for the Connection.
(Source Stream Address Bits)
4-0(1)
CAB2-0(1)
These five bits are used to select 32 different source channels for the Connection (the stream where the channel
(Source Channel Address Bits)
is present is defined by bits SAB2-0). Bit 4 is the most significant bit.
SAB2
SAB1
SAB0
CAB4
CAB3
CAB2
CAB1
CAB0
NOTE:
1. If bit 2 of the corresponding Connection HIGH location is 1 or bit 6 of the Control Register is 1, then these entire 8 bits are output on the channel and stream associated with
this location. Otherwise, the bits are used as indicated to define the source of the Connection which is output on the channel and stream associated with this location.
76543210


Similar Part No. - IDT72V8985

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V8985 RENESAS-IDT72V8985 Datasheet
322Kb / 15P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8985JG RENESAS-IDT72V8985JG Datasheet
322Kb / 15P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
More results

Similar Description - IDT72V8985

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V8980 IDT-IDT72V8980 Datasheet
110Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8985 RENESAS-IDT72V8985 Datasheet
322Kb / 15P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
logo
Integrated Device Techn...
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com