Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1934-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1934-1
Description  Micropower Step-Down Switching Regulators in ThinSOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1934-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1934-1 Datasheet HTML 7Page - Linear Technology LT1934-1 Datasheet HTML 8Page - Linear Technology LT1934-1 Datasheet HTML 9Page - Linear Technology LT1934-1 Datasheet HTML 10Page - Linear Technology LT1934-1 Datasheet HTML 11Page - Linear Technology LT1934-1 Datasheet HTML 12Page - Linear Technology LT1934-1 Datasheet HTML 13Page - Linear Technology LT1934-1 Datasheet HTML 14Page - Linear Technology LT1934-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1934/LT1934-1
1934f
APPLICATIO S I FOR ATIO
Figure 4. Diode D4 Prevents a Shorted Input from Discharging
a Backup Battery Tied to the Output; It Also Protects the Circuit
from a Reversed Input. The LT1934 Runs Only When the Input
is Present
maximum duty cycle of the LT1934, requiring a higher
input voltage to maintain regulation.
Shorted Input Protection
If the inductor is chosen so that it won’t saturate exces-
sively, an LT1934 buck regulator will tolerate a shorted
output. There is another situation to consider in systems
where the output will be held high when the input to the
LT1934 is absent. This may occur in battery charging
applications or in battery backup systems where a battery
or some other supply is diode OR-ed with the LT1934’s
output. If the VIN pin is allowed to float and the SHDN pin
is held high (either by a logic signal or because it is tied to
VIN), then the LT1934’s internal circuitry will pull its
quiescent current through its SW pin. This is fine if your
system can tolerate a few mA in this state. If you ground
the SHDN pin, the SW pin current will drop to essentially
zero. However, if the VIN pin is grounded while the output
is held high, then parasitic diodes inside the LT1934 can
pull large currents from the output through the SW pin and
the VIN pin. Figure 4 shows a circuit that will run only when
the input voltage is present and that protects against a
shorted or reversed input.
VIN
BOOST
GND
FB
SHDN
SW
5
D4
VIN
4
1
6
23
1M
100k
LT1934
1934 F07
VOUT
BACKUP
D4: MBR0530
Figure 3. The Minimum Input Voltage Depends
on Output Voltage, Load Current and Boost Circuit
Minimum Input Voltage VOUT = 3.3V
Minimum Input Voltage VOUT = 5V
LOAD CURRENT (mA)
3.5
4.0
4.5
5.0
5.5
6.0
0.1
10
100
1934 G12
3.0
1
LT1934
VOUT = 3.3V
TA = 25°C
BOOST DIODE TIED TO OUTPUT
VIN TO START
VIN TO RUN
LOAD CURRENT (mA)
5
6
7
8
0.1
10
100
1934 G13
4
1
LT1934
VOUT = 5V
TA = 25°C
BOOST DIODE TIED TO OUTPUT
VIN TO START
VIN TO RUN
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. Figure 5 shows
the high current paths in the buck regulator circuit. Note
that large, switched currents flow in the power switch, the
catch diode (D1) and the input capacitor (C2). The loop
formed by these components should be as small as
possible. Furthermore, the system ground should be tied
to the regulator ground in only one place; this prevents the
switched current from injecting noise into the system
ground. These components, along with the inductor and
output capacitor, should be placed on the same side of the
circuit board, and their connections should be made on
that layer. Place a local, unbroken ground plane below
these components, and tie this ground plane to system
ground at one location, ideally at the ground terminal of the
output capacitor C1. Additionally, the SW and BOOST
nodes should be kept as small as possible. Finally, keep
the FB node as small as possible so that the ground pin and


Similar Part No. - LT1934-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934-1 LINER-LT1934-1 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1934-1 LINER-LT1934-1_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
More results

Similar Description - LT1934-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934 LINER-LT1934_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LT1934-1 LINER-LT1934-1_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com