Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU8713V Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU8713V
Description  2V Operation Switching Driver for Class D Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8713V Datasheet(HTML) 6 Page - New Japan Radio

  NJU8713V Datasheet HTML 1Page - New Japan Radio NJU8713V Datasheet HTML 2Page - New Japan Radio NJU8713V Datasheet HTML 3Page - New Japan Radio NJU8713V Datasheet HTML 4Page - New Japan Radio NJU8713V Datasheet HTML 5Page - New Japan Radio NJU8713V Datasheet HTML 6Page - New Japan Radio NJU8713V Datasheet HTML 7Page - New Japan Radio NJU8713V Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NJU8713
- 6 -
Ver.2004-06-02
TIMING CHARACTERISTICS
Audio Signal Input
(Ta=25
°C, VDD=VDDO=2.0V, VSS=VSSO=0.0V, unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
MCK Frequency
fMCKI
8
-
25
MHz
MCK Pulse Width (H)
tMCKH
12
-
-
ns
MCK Pulse Width (L)
tMCKL
12
-
-
ns
IN1,IN2 Setup Time
tDS
20
-
-
ns
IN1,IN2 Hold Time
tDH
20
-
-
ns
BEEP Frequency
fBEEP
0.1
-
20
kHz
Note 4) tMCKI shows the cycle of the MCK signal.
Output Control Signal Input
(Ta=25
°C, VDD=VDDO=2.0V, VSS=VSSO=0.0V, unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Rise Time
tEr
-
-
50
ns
Fall Time
tEf
-
-
50
ns
Switching Time
tED
100
ns
Note 5) All timings are based on 30% and 70% voltage level of VDD.
tMCKH
tDS
tDH
MCK
IN1, IN2
tMCKL
tMCKI
tEf
EN1
tEr
tED
EN2
0.9VDD
0.5VDD
0.1VDD
0.1VDD
0.9VDD
0.5VDD


Similar Part No. - NJU8713V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8713V-TE1 NJRC-NJU8713V-TE1 Datasheet
107Kb / 8P
   2V Operation Switching Driver for Class D Amplifier
More results

Similar Description - NJU8713V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8713V-TE1 NJRC-NJU8713V-TE1 Datasheet
107Kb / 8P
   2V Operation Switching Driver for Class D Amplifier
NJU8710 NJRC-NJU8710 Datasheet
90Kb / 6P
   2V Operation Clock-less Switching Driver for Class D Amplifier
NJU8711 NJRC-NJU8711 Datasheet
97Kb / 7P
   3V Operation Switching Driver for Class D Amplifier
NJU8714 NJRC-NJU8714 Datasheet
109Kb / 7P
   STEREO BTL OUTPUTS SWITCHING DRIVER FOR Class D AMPLIFIER
NJU8719 NJRC-NJU8719 Datasheet
79Kb / 6P
   Monaural BTL Output Switching Driver for Class D Amplifier
NJU8789 NJRC-NJU8789 Datasheet
198Kb / 6P
   Monaural BTL Output Clock-less Switching Driver for Class D Amplifier
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
149Kb / 8P
   Single Supply Operation: 2V to 36V
logo
NXP Semiconductors
NE58633 NXP-NE58633 Datasheet
259Kb / 27P
   Noise reduction class-D headphone driver amplifier
Rev. 02-25 May 2009
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
NXP Semiconductors
NE58633 PHILIPS-NE58633 Datasheet
230Kb / 25P
   Noise reduction class-D headphone driver amplifier
Rev. 01-22 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com