Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3AMMM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT3AMMM
Description  RT3AMMM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3AMMM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT3AMMM Datasheet HTML 1Page - List of Unclassifed Manufacturers RT3AMMM Datasheet HTML 2Page - List of Unclassifed Manufacturers RT3AMMM Datasheet HTML 3Page - List of Unclassifed Manufacturers RT3AMMM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RT3AMMM
独立2素子内蔵
複合 PNPトランジスタ
RT3AMMM
独立2素子内蔵
複合 PNPトランジスタ
電気的特性(Ta=25℃)
(Tr1、Tr2 共通)
記 号
最小
標準
最大
単位
V
(BR)CEO
コレクタ・エミッタ降伏電圧
I
C=-100μA,RBE=∞
-50
V
I
CBO
コレクタしゃ断電流
V
CB=-60V,I E =0mA
-0.1
μA
IEBO
エミッタしゃ断電流
V
EB=-6V,I C=0mA
-0.1
μA
FE
直流電流増幅率
VCE=-6V,IC=-1mA
150
500
-
FE
直流電流増幅率
VCE=-6V,IC=-0.1mA
90
-
VCE(sat)
コレクタ・エミッタ飽和電圧
IC=-100mA,I
B=-10mA
-0.3
V
fT
利得帯域幅積
VCE=-6V,IE=10mA
200
MHz
Cob
コレクタ出力容量
VCB=-6V,IE=0mA,f=1MHz
4.0
pF
NF
雑音指数
V
CE=-6V,I E=0.3mA,f=100kHz,RG=10kΩ
20
dB
*:hFE の値により右表のようにアイテム分類を行なっています。
アイテム
E
F
hFE
150∼300
250∼500


Similar Part No. - RT3AMMM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3AMMM ISAHAYA-RT3AMMM Datasheet
138Kb / 4P
   Composite Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com