Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS-AA15RD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BS-AA15RD
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BS-AA15RD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BS-AA15RD Datasheet HTML 1Page - List of Unclassifed Manufacturers BS-AA15RD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BS-A831RD
BS-C831RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
1.3
BS-A835RD
BS-C835RD
BS-A835RE
BS-C835RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BS-A832RD
BS-C832RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.2
BS-A833RD
BS-C833RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.2
GaAsP/GaP/ Hi-Eff.Red
BS-A834RD
BS-C834RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.2
BS-A836RD
BS-C836RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
7.5
0.80"
Alpha-Numeric
Displays
BS-A83DRD
BS-C83DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
8.5
SD-37
BS-A841RD
BS-C841RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
1.3
BS-A845RD
BS-C845RD
BS-A845RE
BS-C845RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BS-A842RD
BS-C842RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.2
BS-A843RD
BS-C843RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.2
GaAsP/GaP/ Hi-Eff.Red
BS-A844RD
BS-C844RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.2
BS-A846RD
BS-C846RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
7.5
0.80"
Single-Digit
BS-A84FRD
BS-C84FRD
GaAlAs/ DDH Super Red
660
20
80
30
150 2.0
2.5
12.5
SD-38
BS-A851RD
BS-C851RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
1.3
BS-A855RD
BS-C855RD
BS-A855RE
BS-C855RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BS-A852RD
BS-C852RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.2
BS-A853RD
BS-C853RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.2
GaAsP/GaP/ Hi-Eff.Red
BS-A854RD
BS-C854RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.2
BS-A856RD
BS-C856RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
7.5
0.80"
Single-Digit
BS-A85FRD
BS-C85FRD
GaAlAs/ DDH Super Red
660
20
80
30
150 2.0
2.5
12.5
SD-39
BS-A861RD
BS-C861RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
1.3
BS-A865RD
BS-C865RD
BS-A865RE
BS-C865RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BS-A862RD
BS-C862RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.2
BS-A863RD
BS-C863RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.2
GaAsP/GaP/ Hi-Eff.Red
BS-A864RD
BS-C864RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.2
BS-A866RD
BS-C866RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
7.5
0.80"
Single-Digit
BS-A86FRD
BS-C86FRD
GaAlAs/ DDH Super Red
660
20
80
30
150 2.0
2.5
12.5
SD-40
BS-AA01RD
BS-CA01RD
GaAsP/Red
655
40
160 40
200 3.4
4.0
2.5
BS-AA05RD
BS-CA05RD
BS-AA05RE
BS-CA05RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AA02RD
BS-CA02RD
GaP/ Green
568
30
160 30
150 4.4
5.0
5.0
BS-AA03RD
BS-CA03RD
GaAsP/GaP/ Yellow
585
35
160 30
150 4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AA04RD
BS-CA04RD
GaAsP/GaP/ Orange
635
45
160 30
150 4.0
5.0
5.0
BS-AA06RD
BS-CA06RD
GaAlAs/ SH Super Red
660
20
160 30
150 3.4
5.0
10.0
1.00"
Single-Digit
BS-AA0FRD
BS-CA0FRD
GaAlAs/ DDH Super Red
660
20
160 30
150 4.0
5.0
15.0
SD-41
BS-AA11RD
BS-CA11RD
GaAsP/Red
655
40
160 40
200 3.4
4.0
2.5
BS-AA15RD
BS-CA15RD
BS-AA15RE
BS-CA15RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AA12RD
BS-CA12RD
GaP/ Green
568
30
160 30
150 4.4
5.0
5.0
BS-AA13RD
BS-CA13RD
GaAsP/GaP/ Yellow
585
35
160 30
150 4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AA14RD
BS-CA14RD
GaAsP/GaP/ Orange
635
45
160 30
150 4.0
5.0
5.0
BS-AA16RD
BS-CA16RD
GaAlAs/ SH Super Red
660
20
160 30
150 3.4
5.0
10.0
1.00"
Single-Digit
BS-AA1FRD
BS-CA1FRD
GaAlAs/ DDH Super Red
660
20
160 30
150 4.0
5.0
15.0
SD-42
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-AA15RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-AA1FRD BRIGHT-BS-AA1FRD Datasheet
244Kb / 3P
   25.4mm (1.0) high digit seven segments display
More results

Similar Description - BS-AA15RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com