Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP620C Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP620C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP620C Datasheet(HTML) 3 Page - National Semiconductor (TI)

  COP620C Datasheet HTML 1Page - National Semiconductor (TI) COP620C Datasheet HTML 2Page - National Semiconductor (TI) COP620C Datasheet HTML 3Page - National Semiconductor (TI) COP620C Datasheet HTML 4Page - National Semiconductor (TI) COP620C Datasheet HTML 5Page - National Semiconductor (TI) COP620C Datasheet HTML 6Page - National Semiconductor (TI) COP620C Datasheet HTML 7Page - National Semiconductor (TI) COP620C Datasheet HTML 8Page - National Semiconductor (TI) COP620C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
COP920C/COP922C/COP940C/COP942C
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at any Pin
−0.3V to V
CC + 0.3V
Total Current into V
CC Pin (Source)
50 mA
Total Current out of GND Pin (Sink)
60 mA
Storage Temperature Range
−65˚C to +140˚C
Note 1:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
COP92XC, COP94XC; 0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Operating Voltage
COP9XXC
2.3
4.0
V
COP9XXCH
4.0
6.0
V
Power Supply Ripple (Note 2)
Peak to Peak
0.1 V
CC
V
Supply Current (Note 3)
CKI = 10 MHz
V
CC = 6V, tc = 1 µs
6.0
mA
CKI = 4 MHz
V
CC = 6V, tc = 2.5 µs
4.0
mA
CKI = 4 MHz
V
CC = 4V, tc = 2.5 µs
2.0
mA
CKI = 1 MHz
V
CC = 4V, tc = 10 µs
1.2
mA
HALT Current
V
CC = 6V, CKI = 0 MHz
<0.7
8.0
µA
(Note 4)
V
CC = 4V, CKI = 0 MHz
<0.4
5.0
µA
Input Levels
RESET , CKI
Logic High
0.9 V
CC
V
Logic Low
0.1 V
CC
V
All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 6.0V
−1
+1
µA
Input Pullup Current
V
CC = 6.0V, VIN = 0V
−40
−250
µA
G Port Input Hysteresis
0.35 V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.8V
−0.4
mA
V
CC = 2.3V, VOH = 1.6V
−0.2
mA
Sink
V
CC = 4.5V, VOL = 1.0V
10
mA
V
CC = 2.3V, VOL = 0.4V
2
mA
All Others
Source (Weak Pull-Up)
V
CC = 4.5V, VOH = 3.2V
−10
−110
µA
V
CC = 2.3V, VOH = 1.6V
−2.5
−33
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.8V
−0.4
mA
V
CC = 2.3V, VOH = 1.6V
−0.2
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.6
mA
V
CC = 2.3V, VOL = 0.4V
0.7
TRI-STATE Leakage
V
CC = 6.0V
−1.0
+1.0
µA
Allowable Sink/Source
Current Per Pin
D Outputs (Sink)
15
mA
All Others
3mA
Maximum Input Current (Note 5)
Without Latchup (Room Temp)
Room Temp
±100
mA
www.national.com
3


Similar Part No. - COP620C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP680C NSC-COP680C Datasheet
400Kb / 30P
   Microcontrollers
COP680C-XXX/N NSC-COP680C-XXX/N Datasheet
400Kb / 30P
   Microcontrollers
COP680C-XXX/N NSC-COP680C-XXX/N Datasheet
500Kb / 31P
   COP880C Microcontroller
COP680C-XXX/V NSC-COP680C-XXX/V Datasheet
400Kb / 30P
   Microcontrollers
COP680C-XXX/V NSC-COP680C-XXX/V Datasheet
500Kb / 31P
   COP880C Microcontroller
More results

Similar Description - COP620C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
National Semiconductor ...
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP8TAB5 NSC-COP8TAB5 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
COP424C NSC-COP424C Datasheet
339Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP224C NSC-COP224C Datasheet
325Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Microchip Technology
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com