Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPCH820CJ Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCH820CJ
Description  8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCH820CJ Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COPCH820CJ Datasheet HTML 5Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 6Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 7Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 8Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 9Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 10Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 11Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 12Page - National Semiconductor (TI) COPCH820CJ Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Functional Description (Continued)
Oscillator Circuits
EXTERNAL OSCILLATOR
CKI can be driven by an external clock signal provided it
meets the specified duty cycle rise and fall times and input
levels CKO is available as a general purpose input G7
andor Halt control
CRYSTAL OSCILLATOR
By selecting CKO as a clock output CKI and CKO can be
connected to create a crystal controlled oscillator Table I
shows the component values required for various standard
crystal values
RC OSCILLATOR
By selecting CKI as a single pin oscillator CKI can make a
RC oscillator CKO is available as a general purpose input
andor HALT control Table II shows variation in the oscilla-
tor frequencies as functions of the component (R and C)
values
TLDD11208 – 7
FIGURE 5 Clock Oscillator Configurations
TABLE I Crystal Oscillator Configuration
R1
R2
C1
C2
CKI Freq
Conditions
(kX)(MX)
(pF)
(pF)
(MHz)
0
1
30
30 – 36
10
VCC e 5V
0
1
30
30 – 36
4
VCC e 5V
56
1
100
100 – 156
0455
VCC e 5V
TABLE II RC Oscillator Configuration (Part-To-Part Variation)
R
C
CK1 Freq
Instr Cycle
Conditions
(kX)
(pF)
(MHz)
(ms)
33
82
22 to 27
37 to 46
VCC e 5V
56
100
11 to 13
74 to 90
VCC e 5V
68
100
09 to 11
88 to 108
VCC e 5V
http
www nationalcom
9


Similar Part No. - COPCH820CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH820C NSC-COPCH820C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
More results

Similar Description - COPCH820CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
logo
SINOWEALTH Electronic L...
SH79F3218 SINOWEALTH-SH79F3218 Datasheet
1Mb / 143P
   8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM
V2.2
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
   8-bit Microcontroller with Flash and I2C Interface
logo
Monolithic Power System...
MA780 MPS-MA780 Datasheet
1Mb / 32P
   8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
Rev. 1.2 8/30/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com