Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2165H Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT2165H
Description  Silicon N Channel Power MOS FET Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2165H Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2165H Datasheet HTML 1Page - Renesas Technology Corp HAT2165H Datasheet HTML 2Page - Renesas Technology Corp HAT2165H Datasheet HTML 3Page - Renesas Technology Corp HAT2165H Datasheet HTML 4Page - Renesas Technology Corp HAT2165H Datasheet HTML 5Page - Renesas Technology Corp HAT2165H Datasheet HTML 6Page - Renesas Technology Corp HAT2165H Datasheet HTML 7Page - Renesas Technology Corp HAT2165H Datasheet HTML 8Page - Renesas Technology Corp HAT2165H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HAT2165H
Rev.5.00, Apr.09.2003, page 4 of 10
Main Characteristics
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
100
80
60
40
20
0
24
6
8
10
100
80
60
40
20
0
12
3
4
5
Tc = 75
°C
25
°C
-25
°C
40
30
20
10
0
50
100
150
200
V
= 10 V
Pulse Test
DS
V
= 2.2 V
GS
10 V
4.5 V
2.4 V
2.6 V
2.8 V
3.0 V
Pulse Test
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
100
10
1
0.1
0.01
0.1
0.3
1
3
10
30
100
500
Tc = 25
°C
1 shot Pulse
PW
= 10
ms
10
µs
100
µs
Operation in
this area is
limited by R DS(on)
DC
Operation
1 ms


Similar Part No. - HAT2165H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2165H RENESAS-HAT2165H Datasheet
89Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
HAT2165H-E RENESAS-HAT2165H-E Datasheet
108Kb / 10P
   Old Company Name in Catalogs and Other Documents
HAT2165H-EL-E RENESAS-HAT2165H-EL-E Datasheet
89Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
HAT2165H RENESAS-HAT2165H_05 Datasheet
89Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
HAT2165H RENESAS-HAT2165H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2165H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com