Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08051C103MA72A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08051C103MA72A
Description  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08051C103MA72A Datasheet(HTML) 3 Page - AVX Corporation

  08051C103MA72A Datasheet HTML 1Page - AVX Corporation 08051C103MA72A Datasheet HTML 2Page - AVX Corporation 08051C103MA72A Datasheet HTML 3Page - AVX Corporation 08051C103MA72A Datasheet HTML 4Page - AVX Corporation 08051C103MA72A Datasheet HTML 5Page - AVX Corporation 08051C103MA72A Datasheet HTML 6Page - AVX Corporation 08051C103MA72A Datasheet HTML 7Page - AVX Corporation 08051C103MA72A Datasheet HTML 8Page - AVX Corporation 08051C103MA72A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
13
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
MM
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
MM
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
MM
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
10
16
6.3
10
16
25
50
6.3
10
16
25
50
100
200
10
16
25
50
100
200
10
16
25
50
100
200
Cap
100
A
A
C
C
C
C
C
(pF)
120
A
A
C
C
C
C
C
150
A
A
C
C
C
C
C
180
A
A
C
C
C
C
C
G
G
G
G
G
G
G
220
A
A
C
C
C
C
C
G
G
G
G
G
G
G
270
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
330
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
390
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
470
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
560
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
680
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
820
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
1000
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
J
J
J
J
J
J
1200
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
1500
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
1800
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
2200
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
2700
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
3300
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
3900
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
4700
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
J
J
J
J
J
J
J
J
5600
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
J
J
J
J
J
J
J
J
6800
C
C
C
C
G
G
G
G
G
G
E
E
E
E
J
J
J
J
J
J
J
J
8200
C
C
C
C
G
G
G
G
G
G
E
E
E
E
J
J
J
J
J
J
J
J
Cap.
0.010
C
C
C
G
G
G
G
G
G
E
E
E
E
J
J
J
J
J
J
J
J
(µF)
0.012
C
C
C
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
M
0.015
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
M
0.018
C
C
C
G
G
G
G
G
J
J
J
J
J
M
J
J
J
J
J
M
0.022
C
C
C
G
G
G
G
G
J
J
J
J
J
M
J
J
J
J
J
M
0.027
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
0.033
C
C
G
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
0.039
C
C
G
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
0.047
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
0.056
G
G
G
J
J
J
J
J
J
J
J
J
P
0.068
G
G
G
J
J
J
J
J
J
J
J
J
P
0.082
G
G
G
J
J
J
J
J
J
J
J
M
0.10
G
G
G
J
J
J
J
J
J
J
J
M
0.12
G
G
J
J
J
M
J
J
J
J
0.15
G
G
J
J
J
J
J
J
J
0.18
G
G
J
J
M
J
J
J
J
0.22
G
G
J
J
M
J
J
J
J
0.27
MM
J
J
J
M
0.33
MM
J
J
M
M
0.47
NM
M
M
M
M
0.56
NM
M
Q
0.68
NM
M
Q
0.82
NM
M
Q
1.0
NM
M
Q
1.2
P
1.5
P
1.8
P
2.2
Q
3.3
4.7
10
22
47
100
WVDC
10
16
6.3
10
16
25
50
6.3
10
16
25
50
100
200
10
16
25
50
100
200
10
16
25
50
100
200
SIZE
0201
0402
0603
0805
1206
Contact Factory for Multiples
L
W
T
t
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
BB
CC
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
3.05
3.175
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
(0.120)
(0.125)
PAPER
EMBOSSED


Similar Part No. - 08051C103MA72A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08051C103MA72A AVX-08051C103MA72A Datasheet
282Kb / 18P
   Dielectric General Specifications
08051C103MA72A AVX-08051C103MA72A Datasheet
95Kb / 4P
   General Specifications
08051C103MA72A AVX-08051C103MA72A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
08051C103MA72A AVX-08051C103MA72A Datasheet
131Kb / 4P
   General Specifications
08051C103MA72A AVX-08051C103MA72A Datasheet
131Kb / 4P
   General Specifications
More results

Similar Description - 08051C103MA72A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com