Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD810 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BD810
Description  POWER TRANSISTORS PNP SILICON
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD810 Datasheet(HTML) 1 Page - ON Semiconductor

  BD810 Datasheet HTML 1Page - ON Semiconductor BD810 Datasheet HTML 2Page - ON Semiconductor BD810 Datasheet HTML 3Page - ON Semiconductor BD810 Datasheet HTML 4Page - ON Semiconductor BD810 Datasheet HTML 5Page - ON Semiconductor BD810 Datasheet HTML 6Page - ON Semiconductor BD810 Datasheet HTML 7Page - ON Semiconductor BD810 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Plastic High Power Silicon
Transistor
. . . designed for use in high power audio amplifiers utilizing
complementary or quasi complementary circuits.
DC Current Gain —
hFE = 30 (Min) @ IC = 2.0 Adc
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
80
Vdc
Collector–Base Voltage
VCBO
80
Vdc
Emitter–Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
10
Adc
Base Current
IB
6.0
Adc
Total Device Dissipation TC = 25_C
Derate above 25
_C
PD
90
720
Watts
mW/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to +150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
1.39
_C/W
ON Semiconductor)
© Semiconductor Components Industries, LLC, 2002
April, 2002 – Rev. 1
1
Publication Order Number:
BD809/D
BD809
BD810
10 AMPERE
POWER TRANSISTORS
PNP SILICON
60, 80 VOLTS
90 WATTS
CASE 221A–09
TO–220AB
NPN
PNP
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
1
2
3
4


Similar Part No. - BD810

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BD810 SAVANTIC-BD810 Datasheet
91Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
BD810 JMNIC-BD810 Datasheet
127Kb / 1P
   Silicon PNP Transistors
logo
ON Semiconductor
BD810 ONSEMI-BD810 Datasheet
86Kb / 5P
   Plastic High Power Silicon Transistor
November, 2007 - Rev. 4
logo
Inchange Semiconductor ...
BD810 ISC-BD810 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BD810 NJSEMI-BD810 Datasheet
127Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD810

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com