Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5164165FTT-5 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HM5164165FTT-5
Description  64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5164165FTT-5 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HM5164165FTT-5 Datasheet HTML 4Page - Hitachi Semiconductor HM5164165FTT-5 Datasheet HTML 5Page - Hitachi Semiconductor HM5164165FTT-5 Datasheet HTML 6Page - Hitachi Semiconductor HM5164165FTT-5 Datasheet HTML 7Page - Hitachi Semiconductor HM5164165FTT-5 Datasheet HTML 8Page - Hitachi Semiconductor HM5164165FTT-5 Datasheet HTML 9Page - Hitachi Semiconductor HM5164165FTT-5 Datasheet HTML 10Page - Hitachi Semiconductor HM5164165FTT-5 Datasheet HTML 11Page - Hitachi Semiconductor HM5164165FTT-5 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
HM5164165F Series, HM5165165F Series
8
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Terminal voltage on any pin relative to V
SS
V
T
–0.5 to V
CC + 0.5 (≤ 4.6 V (max))
V
Power supply voltage relative to V
SS
V
CC
–0.5 to +4.6
V
Short circuit output current
Iout
50
mA
Power dissipation
P
T
1.0
W
Storage temperature
Tstg
–55 to +125
°C
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
V
CC
3.0
3.3
3.6
V
1, 2
V
SS
00
0
V
2
Input high voltage
V
IH
2.0
V
CC + 0.3
V
1
Input low voltage
V
IL
–0.3
0.8
V
1
Ambient temperature range
Ta
0
70
˚C
Notes: 1. All voltage referred to V
SS.
2. The supply voltage with all V
CC pins must be on the same level.
The supply voltage with all V
SS pins
must be on the same level.


Similar Part No. - HM5164165FTT-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5164165FTT-5 ELPIDA-HM5164165FTT-5 Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
More results

Similar Description - HM5164165FTT-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
HM5116100 HITACHI-HM5116100 Datasheet
217Kb / 24P
   16M FP DRAM (16-Mword x 1-bit) 4k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com