Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08052C103JAT4A Datasheet(PDF) 6 Page - AVX Corporation

Part # 08052C103JAT4A
Description  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C103JAT4A Datasheet(HTML) 6 Page - AVX Corporation

Back Button 08052C103JAT4A Datasheet HTML 2Page - AVX Corporation 08052C103JAT4A Datasheet HTML 3Page - AVX Corporation 08052C103JAT4A Datasheet HTML 4Page - AVX Corporation 08052C103JAT4A Datasheet HTML 5Page - AVX Corporation 08052C103JAT4A Datasheet HTML 6Page - AVX Corporation 08052C103JAT4A Datasheet HTML 7Page - AVX Corporation 08052C103JAT4A Datasheet HTML 8Page - AVX Corporation 08052C103JAT4A Datasheet HTML 9Page - AVX Corporation 08052C103JAT4A Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
40
PERFORMANCE CHARACTERISTICS
High Voltage Chips
For 500V to 5000V Applications
C0G Dielectric
VOLTAGE
1206
1210
1808
1812
1825
2220
2225
3640
500
min.
max.
680 pF
1500 pF
3300 pF
5600 pF
0.012 µF
0.018 µF
600
min.
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1000 pF
max.
680 pF
1500 pF
2700 pF
5600 pF
0.012 µF
0.012 µF
0.015 µF
0.047 µF
min.
10 pF
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1000
max.
470 pF
820 pF
1500 pF
2700 pF
6800 pF
0.010 µF
0.010 µF
0.018 µF
min.
10 pF
100 pF
10 pF
10 pF
100 pF
1000 pF
1000 pF
100 pF
1500
max.
150 pF
330 pF
470 pF
1000 pF
2700 pF
2700 pF
3300 pF
8200 pF
min.
10 pF
10 pF
10 pF
10 pF
100 pF
1000 pF
1000 pF
100 pF
2000
max.
68 pF
150 pF
270 pF
680 pF
1800 pF
2200 pF
2200 pF
5600 pF
min.
10 pF
10 pF
10 pF
100 pF
100 pF
100 pF
2500
max.
150 pF
390 pF
1000 pF
1000 pF
1200 pF
3900 pF
min.
10 pF
10 pF
10 pF
10 pF
10 pF
100 pF
3000
max.
100 pF
330 pF
680 pF
680 pF
820 pF
2200 pF
min.
10 pF
10 pF
10 pF
10 pF
10 pF
100 pF
4000
max.
39 pF
100 pF
220 pF
220 pF
330 pF
1000 pF
min.
10 pF
5000
max.
680 pF
VOLTAGE
1206
1210
1808
1812
1825
2220
2225
3640
500
min.
max.
0.015 µF
0.027 µF
0.056 µF
600
min.
1000 pF
1000 pF
.01 µF
.01 µF
.01 µF
.01 µF
.01 µF
.01 µF
max.
0.015 µF
0.027 µF
0.033 µF
0.068 µF
0.15 µF
0.15 µF
0.22 µF
0.56 µF
min.
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
.01 µF
.01 µF
.01 µF
1000
max.
4700 pF
0.010 µF
0.015 µF
0.027 µF
0.068 µF
0.068 µF
0.082 µF
0.22 µF
min.
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
.01 µF
1500
max.
1200 pF
2700 pF
3900 pF
8200 pF
0.018 µF
0.022 µF
0.027 µF
0.068 µF
min.
10 pF
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
2000
max.
470 pF
1000 pF
1800 pF
4700 pF
8200 pF
0.010 µF
0.012 µF
0.027 µF
min.
10 pF
10 pF
100 pF
1000 pF
1000 pF
1000 pF
2500
max.
1200 pF
2200 pF
5600 pF
6800 pF
8200 pF
0.022 µF
min.
10 pF
10 pF
100 pF
1000 pF
1000 pF
1000 pF
3000
max.
560 pF
1200 pF
2700 pF
3300pF
4700 pF
0.018 µF
min.
100 pF
4000
max.
6800 pF
min.
100 pF
5000
max.
——
3300 pF
HIGH VOLTAGE C0G CAPACITANCE VALUES
HIGH VOLTAGE X7R MAXIMUM CAPACITANCE VALUES
X7R Dielectric
PERFORMANCE CHARACTERISTICS
Capacitance Range
10 pF to 0.047 µF
(25°C, 1.0 ±0.2 Vrms at 1kHz, for
≤ 1000 pF use 1 MHz)
Capacitance Tolerances
±5%, ±10%, ±20%
Dissipation Factor
0.1% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz, for
≤ 1000 pF use 1 MHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
0 ±30 ppm/°C (0 VDC)
Voltage Ratings
500, 600, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K M
Ω min. or 1000 MΩ - µF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K M
Ω min. or 100 MΩ - µF min., whichever is less
Dielectric Strength
500V, 150% rated voltage for 5 seconds at 50 mA max. current
≥ 600V, 120% rated voltage for 5 seconds at 50 mA max. current
Capacitance Range
10 pF to 0.56 µF (25°C, 1.0 ±0.2 Vrms at 1kHz)
Capacitance Tolerances
±10%; ±20%; +80%, -20%
Dissipation Factor
2.5% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
±15% (0 VDC)
Voltage Ratings
500,600, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K M
Ω min. or 1000 MΩ - µF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K M
Ω min. or 100 MΩ - µF min., whichever is less
Dielectric Strength
500V, 150% rated voltage for 5 seconds at 50 mA max. current
≥ 600V, 120% rated voltage for 5 seconds at 50 mA max. current


Similar Part No. - 08052C103JAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08052C103JAT4A AVX-08052C103JAT4A Datasheet
282Kb / 18P
   Dielectric General Specifications
08052C103JAT4A AVX-08052C103JAT4A Datasheet
131Kb / 4P
   General Specifications
08052C103JAT4A AVX-08052C103JAT4A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
08052C103JAT4A AVX-08052C103JAT4A Datasheet
106Kb / 4P
   X7R Dielectric
08052C103JAT4A AVX-08052C103JAT4A Datasheet
131Kb / 4P
   General Specifications
More results

Similar Description - 08052C103JAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com