Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5165165FTT-6 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM5165165FTT-6
Description  64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5165165FTT-6 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM5165165FTT-6 Datasheet HTML 3Page - Hitachi Semiconductor HM5165165FTT-6 Datasheet HTML 4Page - Hitachi Semiconductor HM5165165FTT-6 Datasheet HTML 5Page - Hitachi Semiconductor HM5165165FTT-6 Datasheet HTML 6Page - Hitachi Semiconductor HM5165165FTT-6 Datasheet HTML 7Page - Hitachi Semiconductor HM5165165FTT-6 Datasheet HTML 8Page - Hitachi Semiconductor HM5165165FTT-6 Datasheet HTML 9Page - Hitachi Semiconductor HM5165165FTT-6 Datasheet HTML 10Page - Hitachi Semiconductor HM5165165FTT-6 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
HM5164165F Series, HM5165165F Series
7
Operation Table
RAS
LCAS UCAS WE
OE
I/O 0 to I/O 7
I/O 8 to I/O 15 Operation
H
××××
High-Z
High-Z
Standby
L
L
H
H
L
Dout
High-Z
Read cycle
L
H
L
H
L
High-Z
Dout
LLLH
L
Dout
Dout
LLH
L*
2
×
Din
×
Early write cycle
LH
LL*
2
××
Din
LLLL*
2
×
Din
Din
LLH
L*
2
H
Din
×
Delayed write cycle
LH
LL*
2
H
×
Din
LLLL*
2
H
Din
Din
L
L
H
H to L
L to H
Dout/Din
High-Z
Read-modify-write cycle
L
H
L
H to L
L to H
High-Z
Dout/Din
LLLH to L
L to H
Dout/Din
Dout/Din
LH
H
××
High-Z
High-Z
RAS-only refresh cycle
H to L
H
L
H
×
High-Z
High-Z
CAS-before-RAS refresh cycle or
H to L
L
H
H
×
High-Z
High-Z
Self refresh cycle (L-version)
H to L
L
L
H
×
High-Z
High-Z
L
L
L
H
H
High-Z
High-Z
Read cycle (Output disabled)
Notes: 1. H: V
IH (inactive)
L: V
IL (active) ×: VIH or VIL
2. t
WCS ≥ 0 ns:
Early write cycle
t
WCS < 0 ns:
Delayed write cycle
3. Mode is determined by the OR function of the
UCAS and LCAS. (Mode is set by the earliest of
UCAS and LCAS active edge and reset by the latest of UCAS and LCAS inactive edge.) However
write operation and output High-Z control are done independently by each
UCAS, LCAS.
ex. if
RAS = H to L, LCAS = L, UCAS = H, then CAS-before-RAS refresh cycle is selected.


Similar Part No. - HM5165165FTT-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5165165FTT-6 ELPIDA-HM5165165FTT-6 Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
More results

Similar Description - HM5165165FTT-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
HM5116100 HITACHI-HM5116100 Datasheet
217Kb / 24P
   16M FP DRAM (16-Mword x 1-bit) 4k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com