Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5164165F Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HM5164165F
Description  64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5164165F Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM5164165F Datasheet HTML 1Page - Hitachi Semiconductor HM5164165F Datasheet HTML 2Page - Hitachi Semiconductor HM5164165F Datasheet HTML 3Page - Hitachi Semiconductor HM5164165F Datasheet HTML 4Page - Hitachi Semiconductor HM5164165F Datasheet HTML 5Page - Hitachi Semiconductor HM5164165F Datasheet HTML 6Page - Hitachi Semiconductor HM5164165F Datasheet HTML 7Page - Hitachi Semiconductor HM5164165F Datasheet HTML 8Page - Hitachi Semiconductor HM5164165F Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
HM5164165F Series
HM5165165F Series
64M EDO DRAM (4-Mword
× 16-bit)
8k refresh/4k refresh
ADE-203-1058B(Z)
Rev. 2.0
Nov. 30, 1999
Description
The Hitachi HM5164165F Series, HM5165165F Series are 64M-bit dynamic RAMs organized as 4,194,304-
word
× 16-bit. They have realized high performance and low power by employing CMOS process technology.
HM5164165F Series, HM5165165F Series offer Extended Data Out (EDO) Page Mode as a high speed
access mode. They have the package variations of standard 50-pin plastic SOJ and standerd 50-pin plastic
TSOPII
Features
• Single 3.3 V supply: 3.3 V ± 0.3 V
• Access time: 50 ns/60 ns (max)
• Power dissipation
 Active: 432 mW/396 mW (max) (HM5164165F Series)
: 504 mW/432 mW (max) (HM5165165F Series)
 Standby : 1.8 mW (max) (CMOS interface)
: 1.1 mW (max) (L-version)
• EDO page mode capability
• Refresh cycles
 RAS-only refresh
8192 cycles /64 ms (HM5164165F, HM5164165FL)
4096 cycles /64 ms (HM5165165F, HM5165165FL)
 CBR/Hidden refresh
4096 cycles /64 ms (HM5164165F, HM5164165FL, HM5165165F, HM5165165FL)


Similar Part No. - HM5164165F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5164165FJ-5 ELPIDA-HM5164165FJ-5 Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5164165FJ-6 ELPIDA-HM5164165FJ-6 Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5164165FLJ-5 ELPIDA-HM5164165FLJ-5 Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5164165FLJ-6 ELPIDA-HM5164165FLJ-6 Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
More results

Similar Description - HM5164165F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
HM5116100 HITACHI-HM5116100 Datasheet
217Kb / 24P
   16M FP DRAM (16-Mword x 1-bit) 4k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com